Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLV1206NA018V0100T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MLV1206NA018V0100T
Description  Surface Mount Multilayer Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLV1206NA018V0100T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MLV1206NA018V0100T Datasheet HTML 1Page - List of Unclassifed Manufacturers MLV1206NA018V0100T Datasheet HTML 2Page - List of Unclassifed Manufacturers MLV1206NA018V0100T Datasheet HTML 3Page - List of Unclassifed Manufacturers MLV1206NA018V0100T Datasheet HTML 4Page - List of Unclassifed Manufacturers MLV1206NA018V0100T Datasheet HTML 5Page - List of Unclassifed Manufacturers MLV1206NA018V0100T Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. Aug.11
Website: www.aemchina.com & www.aemcomponents.com
Surface Mount Multilayer Varistors
Environmental Tests
No.
Test
Requirement
Test condition
Test reference
1
Soldering heat
resistance
BDV change
10 %
No mechanical damage
One dip at 260ºC for 5 sec.
MIL-STD-202
Method 210
IEC 60068-2-20
2
Solderability
New solder coverage
80 %
One dip at 255ºC for 5 sec.
Non-active flux
MIL-STD-202
Method 208
IEC 60068-2-20
3
Maximum
surge
current
BDV change
10 %
No mechanical damage
100 pulses of 8/20 s with
maximum surge current and 30 sec.
interval at 25ºC and 30~65 % RH
CECC 42000
IEC 1051-1 Test 4.5
4
Maximum
surge
energy
BDV change
10 %
No mechanical damage
100 pulses of 10/1000 s with
maximum surge current and 90 sec.
interval at 25ºC and 30~65 % RH
CECC 42000
5
Thermal cycling
BDV change
10 %
No mechanical damage
Leakage current
200 A
5 cycles between -40 C and 125ºC
with 30 min. dwell time at the
temperature extremes and 60 min.
dwell time at 25 C
CECC 42000
IEC 60068-2-14
6
Low
temperature
resistance
BDV change
10 %
No mechanical damage
Leakage current
200 A
1000 hr at -50 C
IEC 60068-2-1
7
Low
temperature
load resistance
BDV change
10 %
No mechanical damage
Leakage current
200 A
1000 hr at -50 C with working
voltage applied
IEC 60068-2-1
8
High temperature
resistance
BDV change
10 %
No mechanical damage
Leakage current
200 A
1000 hr at 150 C
MIL-STD-202
Method 108
CECC 42000
9
High temperature
load resistance
BDV change
10 %
No mechanical damage
Leakage current
200 A
1000 hr at 85 C with working
voltage applied
CECC 42000
10
Humidity
resistance
BDV change
10 %
No mechanical damage
Leakage current
200 A
500 hr at 40 C and 90 ~ 95 % RH
MIL-STD-202
Method 103
IEC 60068-2-3
CECC 42000;
11
Humidity
load resistance
BDV change
10%
No mechanical damage
Leakage current
200 A
500 hr at 40
°C and 90 ~ 95 % RH
with working voltage applied
MIL-STD-202
Method 103
IEC 60068-2-3
CECC 42000
12 ESD contact test
*
Varistor
voltage
change
>115 % working voltage
Contact electrostatic discharge 100
times with 1 second intervals at 8 KV
(Level 4 ) and polarity: +,-
IEC 61000-4-2
13 ESD air test
*
Varistor
voltage
change
>115 % working voltage
Air contact electrostatic discharge 100
times with 1 second intervals at 15
KV (Level 4 ) and polarity:+,-
IEC 61000-4-2
For ES series only.


Similar Part No. - MLV1206NA018V0100T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MLV1206E3 VISHAY-MLV1206E3 Datasheet
86Kb / 3P
   SMD 1206 Multilayer Varistor
Revision: 30-Apr-15
MLV1206E3 VISHAY-MLV1206E3 Datasheet
69Kb / 3P
   SMD 1206 Multilayer Varistor
01-Jan-2022
MLV1206E3 VISHAY-MLV1206E3_V01 Datasheet
69Kb / 3P
   SMD 1206 Multilayer Varistor
01-Jan-2022
More results

Similar Description - MLV1206NA018V0100T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
Littelfuse
V18MLE0402N LITTELFUSE-V18MLE0402N Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
232257320403 VISHAY-232257320403 Datasheet
189Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
23225741 VISHAY-23225741 Datasheet
207Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 10-Oct-03
logo
Littelfuse
V5.5MLA0402NR LITTELFUSE-V5.5MLA0402NR Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com