Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1206SB5000V032T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F1206SB5000V032T
Description  1206 Slow Blow Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1206SB5000V032T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F1206SB5000V032T Datasheet HTML 1Page - List of Unclassifed Manufacturers F1206SB5000V032T Datasheet HTML 2Page - List of Unclassifed Manufacturers F1206SB5000V032T Datasheet HTML 3Page - List of Unclassifed Manufacturers F1206SB5000V032T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. Aug. 11
Website: www.aemchina.com & www.aemcomponents.com
Features:
High inrush current withstanding capability
Multilayer monolithic structure with glass ceramic body and silver
fusing element
Silver termination with nickel and pure-tin solder plating, providing
excellent solderability
Standard EIA1206/EIAJ3216 size
Compatible with both wave and reflow soldering processes
Operating temperature range: -55°C to +125°C (with de-rating)
RoHS compliant
Agency Approval: Recognized Under the Components
Program of Underwriters Laboratories. File Number: E232989
Ordering Information:
Clearing Time Characteristics ( Slow Blow):
Interrupting Ratings:
Shape and Dimensions:
SOLDER
FUSE ELEMENT
NICKEL
SILVER
METALLIZATION
0.126 ± 0.008
(3.20± 0.20)
0.063 ± 0.008
(1.60 ± 0.20)
0.038 ± 0.008
(0.97 ± 0.20)
0.020 ± 0.010
(0.51 ± 0.25)
Patents: U.S. Patent numbers 6,034,589; 6,602,766;
7,268,661 B2; and other pending patents.
1. Measured at
10 % of rated current and 25ºC ambient
2. Melting I
2t at 0.001 second clearing time
% of current rating
Clearing time at 25
oC
100 %
4 hours min.
200 %
1 second min.
120 seconds max.
300 %
0.1 seconds min.
3 seconds max.
800 %
0.002 seconds min.
0 05 seconds max.
Part Number
Current Rating
(A)
Voltage Rating
(VDC)
Nominal Cold DCR
( )
1
Nominal I
2t
(A
2s)2
F1206SB1000V063T
1.0
63
0.360
0.11
F1206SB1250V063T
1.25
63
0.200
0.22
F1206SB1500V063T
1.5
63
0.150
0.23
F1206SB2000V063T
2.0
63
0.088
0.63
F1206SB2500V032T
2.5
32
0.065
0.90
F1206SB3000V032T
3.0
32
0.034
1.20
F1206SB3500V032T
3.5
32
0.028
1.60
F1206SB4000V032T
4.0
32
0.024
2.20
F1206SB4500V032T
4.5
32
0.020
3.60
F1206SB5000V032T
5.0
32
0.018
5.30
F1206SB5500V024T
5.5
24
0.014
6.40
F1206SB6000V024T
6.0
24
0.011
8.50
F1206SB7000V024T
7.0
24
0.010
10.0
F1206SB8000V024T
8.0
24
0.009
16.9
Marking (Optional): Red Marking Character Code
1.0 A:E, 1.25 A:F, 1.5 A:G, 2.0 A:I, 2.5 A:J, 3.0 A:K, 3.5 A:L, 4.0 A:M,
4.5 A:T, 5.0 A:N, 5.5 A:U, 6.0 A:O, 7.0 A:P, 8.0 A:R
Recommended Land Pattern:
0.173
(4.40)
0.059
(1.50)
0.071
(1.80)
Inch (mm)
SolidMatrix
® 1206 Slow Blow Surface Mount Fuses
1.0 A - 5.5 A
50 A at rated voltages
6.0 A - 8.0 A
60 A at rated voltage


Similar Part No. - F1206SB5000V032T

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1206 POLYFET-F1206 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
logo
Renesas Technology Corp
F1206 RENESAS-F1206 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
AVX Corporation
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
More results

Similar Description - F1206SB5000V032T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0402S BOURNS-SF-0402S Datasheet
366Kb / 4P
   Slow Blow Surface Mount Fuses
SF0603S BOURNS-SF0603S Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206SXXXM BOURNS-SF-1206SXXXM Datasheet
436Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
logo
List of Unclassifed Man...
F0603SB1000V032T ETC2-F0603SB1000V032T Datasheet
109Kb / 4P
   0603 Slow Blow Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0402SXXXM BOURNS-SF-0402SXXXM Datasheet
413Kb / 4P
   Slow Blow Multilayer Surface Mount Fuses
SF-0603SXXXM BOURNS-SF-0603SXXXM Datasheet
552Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com