Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA575DTBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # SA575DTBG
Description  Low Voltage Compandor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA575DTBG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button SA575DTBG Datasheet HTML 3Page - ON Semiconductor SA575DTBG Datasheet HTML 4Page - ON Semiconductor SA575DTBG Datasheet HTML 5Page - ON Semiconductor SA575DTBG Datasheet HTML 6Page - ON Semiconductor SA575DTBG Datasheet HTML 7Page - ON Semiconductor SA575DTBG Datasheet HTML 8Page - ON Semiconductor SA575DTBG Datasheet HTML 9Page - ON Semiconductor SA575DTBG Datasheet HTML 10Page - ON Semiconductor SA575DTBG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SA575
http://onsemi.com
7
Automatic Level Control
The
typical
Automatic
Level
Control
circuit
configuration is shown in Figure 4. It can be seen that it is
quite similar to the compressor schematic except that the
input to the rectifier cell is from the input path and not from
the feedback path. The input is AC coupled through C12
and C13 and the output is AC coupled through C8. Once
again, as in the previous cases, if the system input and
output signals are already AC coupled, then C12, C13 and
C8 could be eliminated. Concerning the compressor,
removing R6, R7 and C7 will cause motor-boating in
absence of signals. CCOMP is necessary to stabilize the
summing amplifier at higher input levels. This circuit
provides an input dynamic range greater than 60 dB with
the output within
"0.5 dB typical. The necessary design
expressions are given by Equation 5 and Equation 6,
respectively.
(eq. 5)
4VIN(avg)
3.8 k
W x 100 mA
ALC gain =
(eq. 6)
tR = tA = 10 kW x CRECT = 10 kW x C9
2.2
mF
10
mF
10
mF
VREF
S
DG
1
mF
4.7
mF
ALC IN
ALC OUT
8
12
13
16
15
11
14
C COMP
22pF
C7
Figure 4. Typical ALC Configuration
10k
W
3.8k
W
10k
W
30k
W
30k
W
C12
C13
R6
R7
C8
C9


Similar Part No. - SA575DTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA575DTB ONSEMI-SA575DTB Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBR2 ONSEMI-SA575DTBR2 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
More results

Similar Description - SA575DTBG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
   Low power compandor
1997 Aug 14
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
   Low Power Compandor
December 1993
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
   Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com