Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

322GTP04 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 322GTP04
Description  FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

322GTP04 Datasheet(HTML) 1 Page - Visual Communications Company

  322GTP04 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BREAK ALL CORNERS AND SHARP
DWG. NO.
PERMISSION OF VISUAL
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
IS ACCOMPLISHED BY PRESSING THE RETAINING RING IN PLACE
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
4.
MOUNTS THROUGH FRONT OF PANEL. COMPRESSION OF THE SEAL
1
SEE NOTES
CHECKED
OPTOELECTRONICS
004
THIRD ANGLE PROJECTION
PROHIBITED.
MATERIAL
3.
OPTICAL CORE ENDS POLISHED TO 10 MICRONS
TITLE:
PROPRIETARY AND CONFIDENTIAL
COMMUNICATIONS COMPANY, INC IS
1'
SHEET 1 OF 1
.X
.XX
SEE NOTES
AZANELLI
KHOWARD
8/2/10
APPROVAL
FINISH
DATE
8/2/10
REV
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
5.
LENSES MOUNT THROUGH A 9/32" (7.12mm) HOLE ON 3/8" (9.52mm) CENTERS
WITH OUTPUT POWER GREATER THAN 100mcd
FLEXIBLE LITEPIPE
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
8.
U.S. AND FOREIGN PAT. ISSUED
ANGLE
6.
PANEL THICKNESS 1/32" (0.79mm)TO 1/8" (3.18mm)
7.
FOR BEST RESULTS USE ONLY NARROW VIEWING ANGLE NON-DIFFUSED LEDS
FLX 322 XXX XX
OTHERWISE SPECIFIED
FLX 322 FLEXFIRE
MM
GENERAL TOLERANCES UNLESS
INCHES
.508
.254
.127
.005
.020
.010
.XXX
2
1
DIMENSION STYLE: INCHES [MM]
EDGES .030 MAX
DRAWN
2
B
SCALE: 2:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
NOTES:
ROHS COMPLIANT
1.
MATERIALS:
2.
FIBER OPTIC:
1.5MM OPTICAL CORE,
2.2MM POLYETHYLENE
CABLE JACKET
LENS MOUNT: OPTICAL GRADE ACRYLIC
LED MOUNTS: FOR SMD 22 & THR 22 - NYLON 66, UL RATING 94-V2
FOR THR 5 22 - NYLON 66, UL RATING 94-HB
LENS: POLYCARBONATE UL RATING 94-V2
LENS RETAINING RING: POLYPROPYLENE
LENS SEAL: TPE
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
VISUAL COMMUNICATIONS COMPANY, INC.
ANY REPRODUCTION IN PART OR AS
A WHOLE WITHOUT THE WRITTEN
63
LENS MOUNT
SEAL
RETAINING RING
FIBER OPTIC
LENS
FIBER OPTIC LENGTH XX .25
.06in±.02
1.52mm±0.51
SMD 22
THR 22
THR 5 22
WITH MOISTURE SEAL AND RETAINING
RING. MEETS NEMA 4 RATING.
XX
CUSTOM LENGTHS
12
MOUNTING OPTIONS
06
12.0"
(ORDER SEPARATELY)
AVAILABLE UPON
FIBER LENGTH
CODE
02
6.0"
04
GTP
GREEN TRANSPARENT
RED TRANSPARENT
2.0"
LITE PIPE ASSEMBLY
ORDERING CODE (EXAMPLE):
FLX 322
CTP
CLEAR TRANSPARENT
GLO
WHITE TRANSLUCENT
AMBER TRANSPARENT
ATP
BTP
BLUE TRANSPARENT
YTP
8.0"
4.0"
08
RTP
LENS COLOR
CMS 322, LOW PROFILE FRESNEL LENS
322
LENS TYPE CODE
REQUEST
YELLOW TRANSPARENT
XXX
REVISIONS
ECN #
REV.
DESCRIPTION
DATE
INITIALS CHK'D
-
001
INITIAL RELEASE
7/8/09
SMU
AZ
-
002
DWG FORMAT UPDATE
8/2/10
KH
AZ
-
003
REVISED PER ECR 092810AA01
10/4/10
KH
AZ
396
004
REVISED PER ECR 011812KH01
1/20/12
KH
AZ


Similar Part No. - 322GTP04

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
322G3UVPX ENERCON-322G3UVPX Datasheet
444Kb / 3P
   Military Grade 2 Ports of 40 Gigabit and 24 Ports of 10 Gigabit Ethernet Switch L2/L3 3U VPX Form Factor
Feb 9, 2023
More results

Similar Description - 322GTP04

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
FLX-44X VCC-FLX-44X Datasheet
44Kb / 1P
   FLEXIBLE LITEPIPE FLX 44X FLEXFIRE
FLX3 VCC-FLX3 Datasheet
28Kb / 1P
   LITEPIPE 3MM FLEXFIRE FLEXIBLE
FLX VCC-FLX Datasheet
27Kb / 1P
   FLX ASSEMBLY
logo
List of Unclassifed Man...
RTN100 ETC2-RTN100 Datasheet
78Kb / 1P
   MICRO-LITEPIPE
logo
Visual Communications C...
LMS VCC-LMS Datasheet
76Kb / 1P
   5MM MOISTURE SEALED LITEPIPE
LCV VCC-LCV Datasheet
75Kb / 1P
   5MM ROUND LITEPIPE
logo
Keysight Technologies
N5432C KEYSIGHT-N5432C Datasheet
4Mb / 12P
   FlexRay Measurements (Option FLX)
logo
PHOENIX CONTACT
2773429 PHOENIX-2773429 Datasheet
138Kb / 5P
   FLX ASI DI 4 M12
logo
Visual Communications C...
LCS VCC-LCS Datasheet
89Kb / 1P
   5MM THREADED MOISTURE SEALED LITEPIPE
LPC VCC-LPC Datasheet
78Kb / 1P
   VERTICAL CLIPLITE 4MM LITEPIPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com