Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DET4TC2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DET4TC2
Description  Digital Ground Testers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DET4TC2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DET4TC2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DET4TC2 Datasheet HTML 2Page - List of Unclassifed Manufacturers DET4TC2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DET4TC2 & DET4TCR2
Digital Ground Testers
SPECIFICATIONS
Ingress protection
IP54
C stake, P stake and Noise check
Automatic
Noise rejection
40 V pk to pk
2-wire, 3-wire, 4-wire test
Yes, no shorting links required
No disconnect testing (ART)
Yes, with ICLAMP
Stakeless measurement
Yes, with ICLAMP and VCLAMP
Instrument output
Voltage: ±25 V or ±50 V at 94 Hz, 105 Hz, 111 Hz and 128 Hz
Current: 4.5 mA or 0.45 mA or 0.045 mA
Ground current range with clamp
0.5 mA to 19.9 A
Ground current accuracy
5% ±3 digits
Ground voltage range
0 to 100 V ac
Ground voltage accuracy
2% ±2 V
Resistance range
0.01
Ω to 200 kΩ
Resistance accuracy
2P measurements: 2% ±3 digits
3P measurements: 2% ±3 digits
4P measurements: 2% ±3 digits
ART measurements: 5% ±3 digits
Stakeless measurements: 7% ±3 digits
Maximum probe resistance
Rp limit: 200 k
Ω (50 V output voltage)
Rc limit: 200 k
Ω (50 V output voltage)
Limits reduced to 100 k
Ω for 25 V output voltage
Limits reduced to 5 k
Ω for 0.01 Ω resolution
Display
3
12 digit high contrast liquid crystal, backlit
Battery type
DET4TC2: 8 off AA (LR6) cells
DET4TCR2: 8 off AA (LR6) NiMH rechargeable cells
Operating temperature range
-15°C to +55°C / 5°F to 131°F
Storage temperature range
-40°C to +70°C / -40°F to 158°F
Safety
Complies with the requirements of IEC61010-1 100V CAT IV
between terminal pairs.
EMC
In accordance with IEC61326-1
Standards Compliance
Complies with the requirements of KEMA K85B
Complies with the following parts of EN61557, “Electrical safety in
low voltage distribution systems up to 1000 V a.c. and 1500 V d.c. -
Equipment for testing, measuring or monitoring of protective
measures”.
Part 1 - General requirements
Part 5 - Resistance to earth
Dimensions
203 mm x 148 mm x 78 mm (8in x 5.8in x 3in)
Weight
1kg (2.2lb)


Similar Part No. - DET4TC2

ManufacturerPart #DatasheetDescription
logo
TANDA UK Limited.
DET-C631 TANDAUK-DET-C631 Datasheet
1Mb / 2P
   Conventional Optical Smoke Detector
DET-C632 TANDAUK-DET-C632 Datasheet
1Mb / 2P
   Conventional Dual Heat Detector
logo
Mean Well Enterprises C...
DET01 MEANWELL-DET01 Datasheet
227Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
DET01 MEANWELL-DET01 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
DET01L-05 MEANWELL-DET01L-05 Datasheet
227Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
More results

Similar Description - DET4TC2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
   Logic Testers / Memory Testers
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
   Logic IC Testers/memory Testers Board Testers/Scanners
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com