Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-010-01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 50-010-01
Description  Push Button Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

50-010-01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  50-010-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 50-010-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers 50-010-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 50-010-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
20/08/09 V1.1
Push Button Switches
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
-
-
Basic Type
: D16 =
φ16mm.
Functions
: LM = Soldering type pushbutton switches with momentary action,
LA = Soldering type pushbutton switches with alternate action.
Pushbutton Head
:
R1
S1
T1
Contact Arrange
: 1AB = 1 NO + 1 NC, 2AB = 2 NO + 2 NC.
R1
Pushbutton Head
1AB
Contact Arrange
LM
Functions
D16
Basic Type
Part Number Explanation:
Description
Part Number
Lens, Blue, Round, 18mm, For D16
50-001-01
Lens, Green, Round, 18mm, For D16
50-001-02
Lens, Orange, Round, 18mm, For D16
50-001-03
Lens, Red, Round, 18mm, For D16
50-001-04
Lens, White, Round, 18mm, For D16
50-001-05
Lens, Yellow, Round, 18mm, For D16
50-001-06
Lens, Blue, 18 x 18mm, For D16
50-003-01
Lens, Green, 18 x 18mm, For D16
50-003-02
Lens, Orange, 18 x 18mm, For D16
50-003-03
Lens, Red, 18 x 18mm, For D16
50-003-04
Lens, White, 18 x 18mm, For D16
50-003-05
Lens, Yellow, 18 x 18mm, For D16
50-003-06
Part Number Table
Round (Concave)


Similar Part No. - 50-010-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50-010-01 ETC2-50-010-01 Datasheet
166Kb / 4P
   Push Button Switches
More results

Similar Description - 50-010-01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
9095 LITTELFUSE-9095 Datasheet
249Kb / 1P
   PUSH-BUTTON SWITCHES
2016 Rev: 120116
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
   PUSH-BUTTON SWITCHES
2016 Rev: 120116
logo
List of Unclassifed Man...
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
   Push Button Switches
H8350ABBB ETC2-H8350ABBB Datasheet
156Kb / 2P
   8300 Push Button Switches
logo
Littelfuse
8486 LITTELFUSE-8486 Datasheet
238Kb / 1P
   STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
9269 LITTELFUSE-9269 Datasheet
292Kb / 1P
   DOOR PUSH BUTTON SWITCHES
2019 Rev: 021119
logo
E-SWITCH
PS1040 E-SWITCH-PS1040 Datasheet
55Kb / 1P
   PANEL MOUNT PUSH BUTTON SWITCHES
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
   Miniature Toggle and Push Button Switches
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
logo
DB Lectro Inc
ES40-P DBLECTRO-ES40-P Datasheet
344Kb / 5P
   Sealed Sub-Miniature Push button Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com