Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

294001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 294001
Description  0,8 DRC-B, F 4mm, 16 polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

294001 Datasheet(HTML) 1 Page - ERNI Electronics

  294001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 2
Performance Level 2
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
0,1 mm
24,5
150
330
Verpackungseinheit: 840 Stück -
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Packaging unit: 840 pcs
Abspulrichtung -
Reel off Direction
a1
a8
ohne Ansaughaube -
without hood
5,6
7 x 0,8 =
0,8
ohne Ansaughaube -
without hood
a1
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
5,6
7,6 ±0,03
7 x 0,8 =
0,15
±0,03
1 -0,03
-0,03
1,35
0,55
0,8
1
0,8
6,9
9
10,3
4,2
0,9
a1
12
prior notice.
contact one of the ERNI companies
Date
Index
DRCB
0,8 DRC-B, F 4mm, 16 pin
0,8 DRC-B, F 4mm, 16 polig
294001
5:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Ansaughaube
hood
5,2
-0,03
0,7
0,7 -0,03
7,6 ±0,03


Similar Part No. - 294001

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
29400 AMICC-29400 Datasheet
497Kb / 33P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
ERNI Electronics
294000 ERNI-294000 Datasheet
77Kb / 1P
   0,8 DRC-B, F 4mm, 12 polig
294002 ERNI-294002 Datasheet
85Kb / 1P
   0,8 DRC-B, F 4mm, 20 polig
logo
PHOENIX CONTACT
2940029 PHOENIX-2940029 Datasheet
92Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
logo
ERNI Electronics
294003 ERNI-294003 Datasheet
88Kb / 1P
   0,8 DRC-B, F 4mm, 26 polig
More results

Similar Description - 294001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203340001 ERNI-100203340001 Datasheet
85Kb / 1P
   0,8 DRC-B, F 4mm, 16 polig
294002 ERNI-294002 Datasheet
85Kb / 1P
   0,8 DRC-B, F 4mm, 20 polig
294008 ERNI-294008 Datasheet
124Kb / 1P
   0,8 DRC-B, F 4mm, 80 polig
294004 ERNI-294004 Datasheet
93Kb / 1P
   0,8 DRC-B, F 4mm, 32 polig
294011 ERNI-294011 Datasheet
170Kb / 1P
   0,8 DRC-B, F 4mm, 140 polig
100502650001 ERNI-100502650001 Datasheet
135Kb / 1P
   0,8 DRC-B, F 4mm, 50 polig
100200100004 ERNI-100200100004 Datasheet
135Kb / 1P
   0,8 DRC-B, F 4mm, 50 polig
100403340001 ERNI-100403340001 Datasheet
135Kb / 1P
   0,8 DRC-B, F 4mm, 50 polig
294010 ERNI-294010 Datasheet
154Kb / 1P
   0,8 DRC-B, F 4mm, 120 polig
294000 ERNI-294000 Datasheet
77Kb / 1P
   0,8 DRC-B, F 4mm, 12 polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com