Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC560 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC560
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC560 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC560 Datasheet HTML 1Page - Continental Device India Limited BC560 Datasheet HTML 2Page - Continental Device India Limited BC560 Datasheet HTML 3Page - Continental Device India Limited BC560 Datasheet HTML 4Page - Continental Device India Limited BC560 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559, B, C
BC560, B, C
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
BC559
VCEO
IC=10mA,IB=0
30
V
BC560
45
V
Collector Base Voltage
BC559
VCBO
IC=10µA,IE=0
30
V
BC560
50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5V
Collector Cut off Current
ICBO
VCB=30V, IE = 0
15
nA
VCB=30V, IE = 0
5
µA
Ta= +125ºC
Emitter Cut off Current
IEBO
VCE=40V, IC =0
15
nA
DC Current Gain
B
VCE=5V,IC=10uA
100
C
100
B
VCE=5V,IC=2mA
180
460
C
380
800
BC559, BC560
120
800
Collector Emitter Saturation Voltage
VCE(sat)
IC=10mA,IB=0.5mA
0.25
V
IC=100mA,IB=see note 1
0.6
V
IC=100mA,IB=5mA*
0.25
V
Continental Device India Limited
Data Sheet
Page 2 of 5


Similar Part No. - BC560

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC560 SIEMENS-BC560 Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
logo
KEC(Korea Electronics)
BC560 KEC-BC560 Datasheet
362Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
BC560 KEC-BC560 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE)
logo
Foshan Blue Rocket Elec...
BC560 FOSHAN-BC560 Datasheet
839Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
logo
Micro Electronics
BC560 MICRO-ELECTRONICS-BC560 Datasheet
286Kb / 4P
   PNP SILICON AF SMALL SIGNAL TRANSISTOR
More results

Similar Description - BC560

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com