Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC808 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC808
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC808 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC808 Datasheet HTML 1Page - Continental Device India Limited BC808 Datasheet HTML 2Page - Continental Device India Limited BC808 Datasheet HTML 3Page - Continental Device India Limited BC808 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
BC807
BC808
Collector–emitter voltage (VBE = 0)
–VCES max. 50
30 V
Collector–emitter voltage (open base)
–IC = 10 mA
–VCE0 max. 45
25 V
Emitter–base voltage (open collector)
–VEB0 max.
5
5 V
Collector current (DC)
–IC
max.
500
mA
Collector current (peak value)
–ICM
max.
1000
mA
Emitter current (peak value)
IEM
max.
1000
mA
Base current (DC)
–IB
max.
100
mA
Base current (peak value)
–IBM
max.
200
mA
Total power dissipation at Tamb = 25 °C *
Ptot
max.
250
mW
Storage temperature
Tstg
–55 to +150
°C
Junction temperature
Tj
max.
150
°C
THERMAL RESISTANCE*
From junction to ambient
Rth j–a =
500
K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
Collector cut–off current
IE = 0; –VCB = 20V; Tj = 25°C
–ICB0
max.
100 nA
IE = 0; –VCB = 20V; Tj = 150°C
–ICB0
max.
5
µA
Emitter cut–off current
IC = 0; VEB = 5 V
–IEB0
max.
10
µA
Base emitter voltage *
–IC = 500 mA; –VCE = 1 V
–VBE
max.
1,2 V
Saturation voltage
–IC = 500 mA; –IB = 50 mA
–VCEsat max. 700 mV
D.C. current gain
–IC = 500 mA; –VCE = 1 V
hFE
min.
40
–IC = 100 mA; –VCE = 1 V; BC807; BC808
hFE
100 to 600
BC807–16
hFE
100 to 250
BC808–16
BC807–25
hFE
160 to 400
BC808–25
BC807–40
hFE
250 to 600
BC808–40
Transition frequency at f = 100 MHz
–IC = 10 mA; –VCE = 5 V
fT
>80 MHz
Collector capacitance at f = 1 MHz
IE = Ie = 0; –VCB = 10 V
Cc
typ.
8 pF
BC807
BC808


Similar Part No. - BC808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
logo
Infineon Technologies A...
BC808 INFINEON-BC808 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
logo
Jiangsu Changjiang Elec...
BC808 JIANGSU-BC808 Datasheet
588Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
More results

Similar Description - BC808

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com