Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8222 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # S8222
Description  RF POWER VDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

S8222 Datasheet(HTML) 2 Page - Polyfet RF Devices

  S8222 Datasheet HTML 1Page - Polyfet RF Devices S8222 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S2C Die 2 ID & GM vs VG
0.01
0.10
1.00
10.00
02
46
8
10
12
14
16
18
20
Vgs in Volts
I
S2C 2 DICE CAPACITANCE
0.1
1
10
100
1000
0
4
8
12
1620
2428
VDS IN VOLTS
Coss
Ciss
Crss
S8222 Pout/G ain vs Pin Freq=850Mhz; Vds=12.5Vdc, Idq=.4A
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
P in in W a tts
9
10
11
12
13
Pout
Gain
Efficiency @4W = 50%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
S8222
S2C Die 2 IVCURVE
0
0.5
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
14
16
18
20
VDS INVOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
vg=10v
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
REVISION 07/26/2013
Tolerance .XX +/-0.01
.XXX +/-.005 inches


Similar Part No. - S8222

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S822 NKK-S822 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
logo
Polyfet RF Devices
S8221 POLYFET-S8221 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8221 SATCO-S8221 Datasheet
125Kb / 1P
   15 watt; G25 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
Satco Products, Inc.
S8224 SATCO-S8224 Datasheet
126Kb / 2P
   15 watt; R30 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
More results

Similar Description - S8222

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
S8221 POLYFET-S8221 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
SD703 POLYFET-SD703_14 Datasheet
62Kb / 2P
   RF POWER VDMOS TRANSISTOR
SM705 POLYFET-SM705_14 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP722 POLYFET-SP722 Datasheet
59Kb / 2P
   RF POWER VDMOS TRANSISTOR
SQ742 POLYFET-SQ742_14 Datasheet
41Kb / 2P
   RF POWER VDMOS TRANSISTOR
SR706 POLYFET-SR706_14 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
P124 POLYFET-P124_14 Datasheet
39Kb / 2P
   RF POWER VDMOS TRANSISTOR
SM401 POLYFET-SM401_14 Datasheet
64Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP721 POLYFET-SP721 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP741 POLYFET-SP741_14 Datasheet
39Kb / 2P
   RF POWER VDMOS TRANSISTOR
SR704U POLYFET-SR704U_14 Datasheet
62Kb / 2P
   RF POWER VDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com