Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321D-SU-SL955 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-SU-SL955
Description  32Mb, 2.5V or 2.7V DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-SU-SL955 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT45DB321D-SU-SL955 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB321D-SU-SL955 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB321D-SU-SL955 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB321D-SU-SL955 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB321D-SU-SL955 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321D-SU-SL955 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321D-SU-SL955 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321D-SU-SL955 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321D-SU-SL955 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Table 1-1.
Pin Configurations
Symbol
Name and Function
Asserted
State
Type
CS
Chip Select: Asserting the CS pin selects the device. When the CS pin is deasserted, the
device will be deselected and normally be placed in the standby mode (not deep power-
down mode), and the output pin (SO) will be in a high-impedance state. When the device
is deselected, data will not be accepted on the input pin (SI).
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high
transition is required to end an operation. When ending an internally self-timed operation
such as a program or erase cycle, the device will not enter the standby mode until the
completion of the operation.
Low
Input
SCK
Serial Clock: This pin is used to provide a clock to the device, and is used to control the
flow of data to and from the device. Command, address, and input data present on the SI
pin are always latched on the rising edge of SCK, while output data on the SO pin are
always clocked out on the falling edge of SCK.
Input
SI
Serial Input: The SI pin is used to shift data into the device. The SI pin is used for all data
input, including command and address sequences. Data on the SI pin are always latched
on the rising edge of SCK.
Input
SO
Serial Output: The SO pin is used to shift data out from the device. Data on the SO pin
are always clocked out on the falling edge of SCK.
Output
WP
Write Protect: When the WP pin is asserted, all sectors specified for protection by the
sector protection register will be protected against program and erase operations,
regardless of whether the enable sector protection command has been issued or not. The
WP pin functions independently of the software controlled protection method. After the
WP pin goes low, the content of the sector protection register cannot be modified.
If a program or erase command is issued to the device while the WP pin is asserted, the
device will simply ignore the command and perform no operation. The device will return to
the idle state once the CS pin has been deasserted. The enable sector protection
command and sector lockdown command, however, will be recognized by the device
when the WP pin is asserted.
The WP pin is internally pulled high, and may be left floating if hardware controlled
protection will not be used. However, it is recommended that the WP pin also be
externally connected to VCC whenever possible.
Low
Input
RESET
Reset: A low state on the reset pin (RESET) will terminate the operation in progress and
reset the internal state machine to an idle state. The device will remain in the reset
condition as long as a low level is present on the RESET pin. Normal operation can
resume once the RESET pin is brought back to a high level.
The device incorporates an internal power-on reset circuit, and so there are no restrictions
on the RESET pin during power-on sequences. If this pin and feature are not utilized, it is
recommended that the RESET pin be driven high externally.
Low
Input
RDY/BUSY
Ready/Busy: This open drain output pin will be driven low when the device is busy in an
internally self-timed operation. This pin, which is normally in a high state (through
an external pull-up resistor), will be pulled low during programming/erase operations,
compare operations, and page-to-buffer transfers.
The busy status indicates that the flash memory array and one of the buffers cannot be
accessed; read and write operations to the other buffer can still be performed.
Output
VCC
Device Power Supply: The VCC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages may produce spurious results and should not be
attempted.
Power
GND
Ground: The ground reference for the power supply. GND should be connected to the
system ground.
Ground


Similar Part No. - AT45DB321D-SU-SL955

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D-SU-SL955 ATMEL-AT45DB321D-SU-SL955 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D-SU-SL955 ATMEL-AT45DB321D-SU-SL955 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-SU-SL955 ETC2-AT45DB321D-SU-SL955 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB321D-SU-SL955

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com