Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB161E-CCUF-T Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AT45DB161E-CCUF-T
Description  16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB161E-CCUF-T Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AT45DB161E-CCUF-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB161E-CCUF-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB161E-CCUF-T Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB161E-CCUF-T Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB161E-CCUF-T Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB161E-CCUF-T Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB161E-CCUF-T Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB161E-CCUF-T Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB161E-CCUF-T Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
11
AT45DB161E
8782G–DFLASH–10/2013
When a low-to-high transition occurs on the CS pin, the device will program the data stored in the appropriate buffer into
the specified page in the main memory. The page in main memory that is being programmed must have been previously
erased using one of the erase commands (Page Erase, Block Erase, Sector Erase, or Chip Erase). The programming of
the page is internally self-timed and should take place in a maximum time of tP. During this time, the RDY/BUSY bit in the
Status Register will indicate that the device is busy.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
6.4
Main Memory Page Program through Buffer with Built-In Erase
The Main Memory Page Program through Buffer with Built-In Erase command combines the Buffer Write and Buffer to
Main Memory Page Program with Built-In Erase operations into a single operation to help simplify application firmware
development. With the Main Memory Page Program through Buffer with Built-In Erase command, data is first clocked
into either Buffer 1 or Buffer 2, the addressed page in memory is then automatically erased, and then the contents of the
appropriate buffer are programmed into the just-erased main memory page.
To perform a Main Memory Page Program through Buffer using the standard DataFlash page size (528 bytes), an
opcode of 82h for Buffer 1 or 85h for Buffer 2 must first be clocked into the device followed by three address bytes
comprised of two dummy bits, 12 page address bits (PA11 - PA0) that specify the page in the main memory to be written,
and 10 buffer address bits (BFA9 - BFA0) that select the first byte in the buffer to be written.
To perform a Main Memory Page Program through Buffer using the binary page size (512 bytes), an opcode of 82h for
Buffer 1 or 85h for Buffer 2 must first be clocked into the device followed by three address bytes comprised of three
dummy bits, 12 page address bits (A20 - A9) that specify the page in the main memory to be written, and nine buffer
address bits (BFA8 - BFA0) that select the first byte in the buffer to be written.
After all address bytes have been clocked in, the device will take data from the input pin (SI) and store it in the specified
data buffer. If the end of the buffer is reached, the device will wrap around back to the beginning of the buffer. When
there is a low-to-high transition on the CS pin, the device will first erase the selected page in main memory (the erased
state is a Logic 1) and then program the data stored in the buffer into that main memory page. Both the erasing and the
programming of the page are internally self-timed and should take place in a maximum time of tEP. During this time, the
RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase and programming algorithm that can detect when a byte location fails to
erase or program properly. If an erase or program error arises, it will be indicated by the EPE bit in the Status Register.
6.5
Main Memory Byte/Page Program through Buffer 1 without Built-In Erase
The Main Memory Byte/Page Program through Buffer 1 without Built-In Erase command combines both the Buffer Write
and Buffer to Main Memory Program without Built-In Erase operations to allow any number of bytes (1 to 512/528 bytes)
to be programmed directly into previously erased locations in the main memory array. With the Main Memory Byte/Page
Program through Buffer 1 without Built-In Erase command, data is first clocked into Buffer 1, and then only the bytes
clocked into the buffer are programmed into the pre-erased byte locations in main memory. Multiple bytes up to the page
size can be entered with one command sequence.
To perform a Main Memory Byte/Page Program through Buffer 1 using the standard DataFlash page size (528 bytes), an
opcode of 02h must first be clocked into the device followed by three address bytes comprised of two dummy bits,
12 page address bits (PA11 - PA0) that specify the page in the main memory to be written, and 10 buffer address bits
(BFA9 - BFA0) that select the first byte in the buffer to be written. After all address bytes are clocked in, the device will
take data from the input pin (SI) and store it in Buffer 1. Any number of bytes (1 to 528) can be entered. If the end of the
buffer is reached, then the device will wrap around back to the beginning of the buffer.
To perform a Main Memory Byte/Page Program through Buffer 1 using the binary page size (512 bytes), an opcode of
02h for Buffer 1 using must first be clocked into the device followed by three address bytes comprised of three dummy
bits, 12 page address bits (A20 - A9) that specify the page in the main memory to be written, and nine buffer address bits
(BFA8 - BFA0) that selects the first byte in the buffer to be written. After all address bytes are clocked in, the device will
take data from the input pin (SI) and store it in Buffer 1. Any number of bytes (1 to 512) can be entered. If the end of the


Similar Part No. - AT45DB161E-CCUF-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161E-CCDH-B ATMEL-AT45DB161E-CCDH-B Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DB161E-CCDH-T ATMEL-AT45DB161E-CCDH-T Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DB161E-CCDH-Y ATMEL-AT45DB161E-CCDH-Y Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DB161E-CCDU-B ATMEL-AT45DB161E-CCDU-B Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DB161E-CCDU-T ATMEL-AT45DB161E-CCDU-T Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB161E-CCUF-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
logo
Renesas Technology Corp
AT45DB161E RENESAS-AT45DB161E Datasheet
2Mb / 77P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
1/27/23
logo
Dialog Semiconductor
AT45DB161E DIALOG-AT45DB161E Datasheet
1Mb / 80P
   16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 81P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT45DB041E ETC2-AT45DB041E_14 Datasheet
2Mb / 71P
   4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
   4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com