Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321D-MU-SL954 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-MU-SL954
Description  32Mb, 2.5V or 2.7V DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-MU-SL954 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT45DB321D-MU-SL954 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL954 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL954 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL954 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL954 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL954 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL954 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL954 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL954 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Figure 1-2. Block Diagram
2.
Memory Array
To provide optimal flexibility, the AT45DB321D memory array is divided into three levels of granularity comprising sectors,
blocks, and pages. The “Memory Architecture Diagram” illustrates the breakdown of each level, and details the number of
pages per sector and block. All program operations to the DataFlash device occur on a page-by-page basis. The erase
operations can be performed at the chip, sector, block, or page level.
Figure 2-1. Memory Architecture Diagram
Flash Memory Array
Page (512-/528-bytes)
Buffer 2 (512-/528-bytes)
Buffer 1 (512-/528-bytes)
I/O Interface
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI
Sector 0a = 8 pages
4,096/4,224 bytes
Sector 0b = 120 pages
61,440/63,360 bytes
Block = 4,096/4,224 bytes
8 Pages
Sector 0a
Page = 512/528 bytes
Page 0
Page 1
Page 6
Page 7
Page 8
Page 9
Page 8,190
Page 8,191
Page 14
Page 15
Page 16
Page 17
Page 18
Sector Architecture
Block Architecture
Page Architecture
Block 0
Block 1
Block 14
Block 15
Block 16
Block 17
Block 1,022
Block 1,023
Block 30
Block 31
Block 32
Block 33
Sector 63 = 128 pages
65,536/67,584 bytes
Block 2
Sector 1 = 128 pages
65,536/67,584 bytes
Sector 62 = 128 pages
65,536/67,584 bytes
Sector 2 = 128 pages
65,536/67,584 bytes


Similar Part No. - AT45DB321D-MU-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D-MU-SL954 ATMEL-AT45DB321D-MU-SL954 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D-MU-SL954 ATMEL-AT45DB321D-MU-SL954 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-MU-SL954 ETC2-AT45DB321D-MU-SL954 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB321D-MU-SL954

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com