Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWHA3C562 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWHA3C562
Description  Metallized Polypropylene Film Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWHA3C562 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWHA3C562 Datasheet HTML 1Page - Panasonic Semiconductor ECWHA3C562 Datasheet HTML 2Page - Panasonic Semiconductor ECWHA3C562 Datasheet HTML 3Page - Panasonic Semiconductor ECWHA3C562 Datasheet HTML 4Page - Panasonic Semiconductor ECWHA3C562 Datasheet HTML 5Page - Panasonic Semiconductor ECWHA3C562 Datasheet HTML 6Page - Panasonic Semiconductor ECWHA3C562 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC68−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
Cut lead
C
Q
■Taping Specifications for Automatic
Insertion
Taping style
■Packaging Specifications for Bulk
Package
Packing quantity : 100 pcs./bag
●Lead Spacing
Style
E
Lead Spacing
7.5 mm
❈Refer to the page of taping
specifications.
●Packaging Specifications
Type
Rated volt.
Cap. range
(µF)
Taping style
AD AS
B
C
D
E
Packing
Suffix
ECWH(A)
ECWHA
0800 VDC
1600 VDC
0.010 to 0.047
0.0010 to 0.047
Ammo
Ammo
RHA
( )4
Part No.
Cap.
(µF)
L max
T max
Straight
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
H max.
F
S
ød
Taping
7.5mm
Bulk
ECWH8103HA( )
ECWH8123HA( )
ECWH8153HA( )
ECWH8183HA( )
ECWH8223HA( )
ECWH8273HA( )
ECWH8333HA( )
ECWH8393HA( )
ECWH8473HA( )
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
15.4
15.4
15.4
15.7
15.7
15.7
15.7
15.7
15.7
5.4
5.8
6.2
6.6
7.1
7.6
8.4
8.9
9.7
9.8
10.2
10.6
11.0
11.5
12.0
12.8
13.3
14.1
14.8
15.2
15.6
16.0
16.5
17.0
17.8
18.3
19.1
14.8
15.2
15.6
18.0
18.5
19.0
19.8
20.3
21.1
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
500
500
400
300
Dimensions (mm)
Min. order Q'ty
■Rating & Dimensions & Quantity / Ammo Box
●Rated voltage : 800 VDC, Capacitance tolerance : ±3 %(H)
Suffix for lead crimped taped type
Capacitance tolerance code
↑↑
■Specifications
Withstand voltage
Between terminals : Rated volt. (VDC)×150 % 60 s
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Insulation resistance (IR)
tan <
=0.1 % (20˚C, 1kHz)
0.010 µF to 0.047 µF
± 3 % (H)
0.0010 µF to 0.047 µF
± 3 % (H) ,± 5 % (J)
IR>
=30000 M
Ω (20 ˚C, 500 VDC, 60 s)
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
– 40 ˚C to + 105 ˚C
800 VDC
1600 VDC
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
p Œ ¯ ¶
P50_81
13.05.23 7:57
y [ W
68


Similar Part No. - ECWHA3C562

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWHA3C562 PANASONIC-ECWHA3C562 Datasheet
332Kb / 7P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - ECWHA3C562

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com