Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321D-MU-SL955 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-MU-SL955
Description  32Mb, 2.5V or 2.7V DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-MU-SL955 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-MU-SL955 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL955 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL955 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL955 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL955 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL955 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL955 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL955 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB321D-MU-SL955 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
5.8
Main Memory Page Program through Buffer
This operation is a combination of the buffer write and buffer to main memory page program with built-in erase operations. Data
are first clocked into buffer 1 or buffer 2 from the input pin (SI), and then programmed into a specified page in the main memory.
To perform a main memory page program through buffer for the standard DataFlash page size (528 bytes), a one-byte opcode,
82H for buffer 1 or 85H for buffer 2, must first be clocked into the device, followed by three address bytes. The address bytes
are comprised of 1 don’t care bit, 13 page address bits, (PA12 - PA0) that select the page in the main memory where data is to
be written, and 10 buffer address bits (BFA9 - BFA0) that select the first byte in the buffer to be written. To perform a main
memory page program through buffer for the binary page size (512 bytes), the 82H opcode for buffer 1 or 85H opcode for buffer
2 must be clocked into the device, followed by three address bytes consisting of 2 don’t care bits, 13 page address bits (A21 -
A9) that specify the page in the main memory to be written, and 9 buffer address bits (BFA8 - BFA0) that select the first byte in
the buffer to be written. After all address bytes are clocked in, the part will take data from the input pins and store them in the
specified data buffer. If the end of the buffer is reached, the device will wrap around back to the beginning of the buffer. When
there is a low-to-high transition on the CS pin, the part will first erase the selected page in main memory to all ones, and then
program the data stored in the buffer into that memory page. Both the erase and the programming of the page are internally
self-timed, and should take place in a maximum time of tEP. During this time, the status register and the RDY/BUSY pin will
indicate that the part is busy.
6.
Sector Protection
Two protection methods, hardware and software controlled, are provided for protection against inadvertent or erroneous
program and erase cycles. The software controlled method relies on the use of software commands to enable and disable
sector protection, while the hardware controlled method employs the use of the write protect (WP) pin. The selection of which
sectors are to be protected or unprotected against program and erase operations is specified in the nonvolatile sector protection
register. The status of whether or not sector protection has been enabled or disabled by either the software or the hardware
controlled methods can be determined by checking the status register.
6.1
Software Sector Protection
6.1.1
Enable Sector Protection Command
Sectors specified for protection in the sector protection register can be protected from program and erase operations by issuing
the enable sector protection command. To enable sector protection using the software controlled method, the CS pin must first
be asserted, as it would be with any other command. Once the CS pin has been asserted, the appropriate four-byte command
sequence must be clocked in via the input pin (SI). After the last bit of the command sequence has been clocked in, the CS pin
must be deasserted, after which the sector protection will be enabled.
Table 6-1.
Enable Sector Protection Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Figure 6-1. Enable Sector Protection
Enable Sector Protection
3DH
2AH
7FH
A9H
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB321D-MU-SL955

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D-MU-SL955 ATMEL-AT45DB321D-MU-SL955 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D-MU-SL955 ATMEL-AT45DB321D-MU-SL955 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-MU-SL955 ETC2-AT45DB321D-MU-SL955 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB321D-MU-SL955

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
   32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
   16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
   16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com