Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWH10113 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECWH10113
Description  Metallized Polypropylene Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10113 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECWH10113 Datasheet HTML 1Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 2Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 3Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 4Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 5Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 6Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 7Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 8Page - Panasonic Semiconductor ECWH10113 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC65−
Plastic Film Capacitors
■Rating & Dimensions
●Rated voltage : 1600 VDC Capacitance tolerance : ±3 %(H), ±5 %(J)
Suffix for lead crimped
Cap. tol. code
ød
ECWH16132
□V(
)
0.0013
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWH16152
□V(
)
0.0015
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH16162
□V(
)
0.0016
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH16182
□V(
)
0.0018
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16202
□V(
)
0.0020
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16222
□V(
)
0.0022
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH16242
□V(
)
0.0024
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH16272
□V(
)
0.0027
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16302
□V(
)
0.0030
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWH16332
□V(
)
0.0033
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWH16362
□V(
)
0.0036
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH16392
□V(
)
0.0039
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16432
□V(
)
0.0043
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH16472
□V(
)
0.0047
23.0
6.5
14.5
19.5
20.0
15.0
0.80
ECWH16512
□V(
)
0.0051
23.0
6.5
15.0
20.0
20.0
15.0
0.80
ECWH16562
□V(
)
0.0056
23.0
6.5
15.0
20.0
20.0
15.0
0.80
ECWH16622
□V(
)
0.0062
23.0
7.0
15.0
20.0
20.0
15.0
0.80
ECWH16682
□V(
)
0.0068
23.0
7.0
15.5
20.5
20.0
15.0
0.80
ECWH16752
□V(
)
0.0075
23.0
7.5
15.5
20.5
20.0
15.0
0.80
ECWH16822
□V(
)
0.0082
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH16912
□V(
)
0.0091
23.0
8.0
16.0
21.0
20.0
15.0
0.80
ECWH16103
□V(
)
0.010
23.0
8.0
16.5
21.5
20.0
15.0
0.80
ECWH16113
□V(
)
0.011
23.0
8.5
17.0
22.0
20.0
15.0
0.80
ECWH16123
□V(
)
0.012
23.0
9.0
17.0
22.0
20.0
15.0
0.80
ECWH16133
□V(
)
0.013
23.0
9.0
17.5
22.5
20.0
15.0
0.80
ECWH16153
□V(
)
0.015
23.0
9.5
18.0
23.0
20.0
15.0
0.80
ECWH16163
□V(
)
0.016
23.0
10.0
18.5
23.5
20.0
15.0
0.80
ECWH16183
□V(
)
0.018
23.0
10.5
19.5
24.5
20.0
15.0
0.80
ECWH16203
□V(
)
0.020
23.0
11.0
20.0
25.0
20.0
15.0
0.80
ECWH16223
□V(
)
0.022
28.0
9.5
18.0
23.0
25.0
17.5
0.80
ECWH16243
□V(
)
0.024
28.0
10.0
18.5
23.5
25.0
17.5
0.80
ECWH16273
□V(
)
0.027
28.0
10.5
19.5
24.5
25.0
17.5
0.80
ECWH16303
□V(
)
0.030
28.0
11.0
20.0
25.0
25.0
17.5
0.80
ECWH16333
□V(
)
0.033
28.0
11.5
20.5
25.5
25.0
17.5
0.80
ECWH16363
□V(
)
0.036
28.0
12.5
21.5
26.5
25.0
17.5
0.80
ECWH16393
□V(
)
0.039
28.0
13.5
22.0
27.0
25.0
17.5
0.80
ECWH16433
□V(
)
0.043
28.0
14.5
22.5
27.5
25.0
17.5
0.80
ECWH16473
□V(
)
0.047
28.0
15.0
23.5
28.5
25.0
17.5
0.80
ECWH16513
□V(
)
0.051
28.0
15.5
24.0
29.0
25.0
17.5
0.80
ECWH16563
□V(
)
0.056
28.0
16.0
24.5
29.5
25.0
17.5
0.80
Part No.
Dimensions (mm)
400
500
400
300
L max
T max
500
500
H max.
Straight Crimped lead Straight
F
Crimped lead
S
Cap.
(µF)
Taping
7.5 mm
Min. order Q'ty
Bulk
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
65


Similar Part No. - ECWH10113

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10113 PANASONIC-ECWH10113 Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECWH10113 PANASONIC-ECWH10113 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10113 PANASONIC-ECWH10113 Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECWH10113HVB PANASONIC-ECWH10113HVB Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10113HVB PANASONIC-ECWH10113HVB Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH10113

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com