Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8012D Datasheet(PDF) 3 Page - Littelfuse

Part # S8012D
Description  RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8012D Datasheet(HTML) 3 Page - Littelfuse

  S8012D Datasheet HTML 1Page - Littelfuse S8012D Datasheet HTML 2Page - Littelfuse S8012D Datasheet HTML 3Page - Littelfuse S8012D Datasheet HTML 4Page - Littelfuse S8012D Datasheet HTML 5Page - Littelfuse S8012D Datasheet HTML 6Page - Littelfuse S8012D Datasheet HTML 7Page - Littelfuse S8012D Datasheet HTML 8Page - Littelfuse S8012D Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheets
SCRs
©2004 Littelfuse, Inc.
E6 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Electrical Specification Notes
(1) See Figure E6.5 through Figure E6.16 for current rating at
specified operating case temperature.
(2) See Figure E6.1 and Figure E6.2 for free air current rating.
(3) See Figure E6.19 and Figure E6.20 for instantaneous on-state
current versus on-state voltage (typical).
(4) See Figure E6.18 for IGT versus TC.
(5) See Figure E6.17 for IH versus TC.
(6) For more than one full cycle rating, see Figure E6.23.
(7) See Figure E6.22 for tgt versus IGT.
(8) See Figure E6.21 for VGT versus TC.
(9) Test conditions are as follows:
•IT = 1 A for 1 A devices and 2 A for all other devices
• Pulse duration = 50 µs, dv/dt = 20 V/µs, di/dt = -10 A/µs for 1 A
devices, and -30 A/µs for other devices
•IGT = 200 mA at turn-on
(10) See Figure E6.5 through Figure E6.10 for maximum allowable
case temperatures at maximum rated current.
(11) See package outlines for lead form configuration. When ordering
special lead forming, add type number as suffix to part number.
(12) Pulse width
≤10 µs
(13) Initial on-state current = 200 mA dc for 1 A through 16 A devices;
400 mA dc for 20 A through 70 A devices.
(14) TC = TJ for test conditions in off state.
(15) The R, K, or M package rating is intended for high surge condition
use only and not recommended for
≥50 A rms continuous current
use since narrow pin lead temperature can exceed PCB solder
melting temperature. Teccor's J package or W package is
recommended for
≥50 A rms continuous current requirements.
(16) For various durations of an exponentially decaying current
waveform, see Figure E6.3 and Figure E6.4. (tW is defined as
5 time constants.)
(17) Minimum non-trigger VGT at 125 °C is 0.2 V.
IDRM & IRRM
VTM
VGT
IH
IGM
PGM
PG(AV)
ITSM
dv/dt
I2t
di/dt
tgt
tq
(14)
mAmps
(3)
Volts
(8)
(17)
Volts
(5) (13)
mAmps
(12)
Amps
(12)
Watts
Watts
(6) (10)
Amps
Volts/µSec
Amps2Sec
Amps/µSec
(7)
µSec
(9) (10)
µSec
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC =
25 °C
TC =
25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
MAX
MIN
MIN
TYP
MAX
0.01
0.2
0.5
1.6
1.5
30
1.5
15
0.3
30/25
40
20
3.7
50
2
35
0.01
0.2
0.5
1.6
1.5
30
1.5
15
0.3
30/25
40
20
3.7
50
2
35
0.01
0.2
0.5
1.6
1.5
30
1.5
15
0.3
30/25
40
20
3.7
50
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
300
225
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
250
200
41
100
2
35
0.02
3
1.6
1.5
30
2
20
0.5
100/83
100
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
300
225
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
250
200
41
100
2
35
0.02
3
1.6
1.5
30
2
20
0.5
100/83
100
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
350
250
41
100
2
35
0.01
0.2
0.5
1.6
1.5
30
2
20
0.5
100/83
300
225
41
100
2
35
0.02
0.5
1
1.6
1.5
30
2
20
0.5
100/83
250
200
41
100
2
35
0.02
3
1.6
1.5
30
2
20
0.5
100/83
100
41
100
2
35
0.01
0.5
1
1.6
1.5
40
2
20
0.5
120/100
350
250
60
100
2
35
0.01
0.5
1
1.6
1.5
40
2
20
0.5
120/100
350
250
60
100
2
35
0.01
0.5
1
1.6
1.5
40
2
20
0.5
120/100
300
225
60
100
2
35
0.02
0.5
1
1.6
1.5
40
2
20
0.5
120/100
250
200
60
100
2
35
0.02
3
1.6
1.5
40
2
20
0.5
120/100
100
60
100
2
35


Similar Part No. - S8012D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S8012D TECCOR-S8012D Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8012D LITTELFUSE-S8012D Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8012D LITTELFUSE-S8012D Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
List of Unclassifed Man...
S8012D ETC2-S8012D Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
S8012D56 LITTELFUSE-S8012D56 Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
More results

Similar Description - S8012D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com