Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKANA221 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECKANA221
Description  Ceramic Disc Capacitors (Safety Regulations)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKANA221 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECKANA221 Datasheet HTML 1Page - Panasonic Semiconductor ECKANA221 Datasheet HTML 2Page - Panasonic Semiconductor ECKANA221 Datasheet HTML 3Page - Panasonic Semiconductor ECKANA221 Datasheet HTML 4Page - Panasonic Semiconductor ECKANA221 Datasheet HTML 5Page - Panasonic Semiconductor ECKANA221 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Note: @-- Capacitance Tolerance Code K (±10 %) or M(±20 %)
n Rating and Characteristics
l Type NS-A (IEC60384-14 Sub-class Y1, X1) Rating and Characteristics
áRedial Taped version is available.
(Lead space is available only in 10 mm)
á@:Capacitance Tolerance Code
K:(±10 %) or M(±20 %)
Cap.
Dimensions in mm
Kinked Lead Type (Bulk)
Kimked Lead Taped Type
Cap.
Tol.
Temp.
D max.
T
Part Number
Dim. in mm
Part Number
Taped Dim. in mm
in pF
(%)
Char.
(Tol.)
max.
Fd
Type
Fd
100 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS101@B
7.5 0.65
ECKNTS101
@B
N1
7.5
0.65
150 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS151@B
7.5 0.65
ECKNTS151
@B
N1
7.5
0.65
220 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS221@B
7.5 0.65
ECKNTS221
@B
N1
7.5
0.65
330 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS331@B
7.5 0.65
ECKNTS331
@B
N1
7.5
0.65
470 ±10 or ±20 B/Y5P
8.0(7.0±1.0) 7.0 ECKATS471@B
7.5 0.65
ECKNTS471
@B
N1
7.5
0.65
680 ±10 or ±20 B/Y5P
9.0(8.0±1.0) 7.0 ECKATS681@B
7.5 0.65
ECKNTS681
@B
N1
7.5
0.65
1000 ±10 or ±20 B/Y5P 10.5(9.5±1.0) 7.0 ECKATS102@B
7.5 0.65
ECKNTS102
@B
N1
7.5
0.65
1000
±20
E/Y5U
8.0(7.0±1.0) 7.0 ECKATS102ME
7.5 0.65
ECKNTS102ME
N1
7.5
0.65
1500
±20
E/Y5U
9.0(8.0±1.0) 7.0 ECKATS152ME
7.5 0.65
ECKNTS152ME
N1
7.5
0.65
2200
±20
E/Y5U
9.5(9.0±1.0) 7.0 ECKATS222ME
7.5 0.65
ECKNTS222ME
N1
7.5
0.65
3300
±20
E/Y5U 12.5(11.5±1.0) 7.0 ECKATS332ME
7.5 0.65
ECKNTS332ME
N1
7.5
0.65
4700
±20
E/Y5U 15.0(14.0±1.0) 7.0 ECKATS472ME 10.0 0.65
ECKNTS472ME
N2
7.5
0.65
4700
±20
F/Y5V 12.5(11.5±1.0) 7.0 ECKATS472MF
7.5 0.65
ECKNTS472MF
N1
7.5
0.65
10000
±20
F/Y5V 17.0(16.0±1.5) 7.0 ECKATS103MF 10.0 0.65
ECKNTS103MF
N2
7.5
0.65
Cap.
Dimensions in mm
Kinked Lead Type (Bulk)
Cap.
Tol.
Temp.
DT
Part Number
Dim. in mm
in pF
(%)
Char.
max.
max.
F
d
100
±10 or ±20
B
11.0
8.0
ECKANA101
@B 10.0 0.65
150
±10 or ±20
B
11.0
8.0
ECKANA151
@B 10.0 0.65
220
±10 or ±20
B
11.0
8.0
ECKANA221
@B 10.0 0.65
330
±10 or ±20
B
11.0
8.0
ECKANA331
@B 10.0 0.65
470
±10 or ±20
B
11.0
8.0
ECKANA471
@B 10.0 0.65
680
±10 or ±20
B
11.0
8.0
ECKANA681
@B 10.0 0.65
1000
±10 or ±20
B
11.0
8.0
ECKANA102
@B 10.0 0.65
1000
±20
E
10.0
8.0
ECKANA102ME
10.0 0.65
1500
±20
E
11.0
8.0
ECKANA152ME
10.0 0.65
2200
±20
E
11.0
8.0
ECKANA222ME
10.0 0.65
3300
±20
E
13.0
8.0
ECKANA332ME
10.0 0.65
4700
±20
E
16.0
8.0
ECKANA472ME
10.0 0.65
Ceramic Disc Capacitors (Safety Regulations)
l Type TS (IEC60384-14 Sub-class Y2, X1) Rating and Characteristics
Cap. Capacitance Temp. Dimensions in mm
Kinked Lead Type (Bulk)
Kinked Lead Taped Type
in pF
Tolerance
Char.
DT
Part Number
Dim. in mm
Part Number
Taped Dim. in mm
(%)
max.
max.
F
d
Type
Fd
10 ±0.5pF or ±1pF SL/GP
8.0
6.0
ECCAVS100
@G* 5.0
0.60
ECCNVS100
@G* N0
5.0
0.60
15
±5 or ±10 SL/GP
8.0
6.0
ECCAVS150
@G* 5.0
0.60
ECCNVS150
@G* N0
5.0
0.60
22
±5 or ±10 SL/GP
8.0
6.0
ECCAVS220
@G* 5.0
0.60
ECCNVS220
@G* N0
5.0
0.60
33
±5 or ±10 SL/GP
8.0
6.0
ECCAVS330
@G
5.0
0.60
ECCNVS330
@G N0
5.0
0.60
47
±5 or ±10 SL/GP
8.0
6.0
ECCAVS470
@G
5.0
0.60
ECCNVS470
@G N0
5.0
0.60
68
±5 or ±10 SL/GP
8.0
6.0
ECCAVS680
@G
5.0
0.60
ECCNVS680
@G N0
5.0
0.60
100 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS101
@B
5.0
0.60
ECKNVS101
@B
N0
5.0
0.60
150 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS151
@B
5.0
0.60
ECKNVS151
@B
N0
5.0
0.60
220 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS221
@B
5.0
0.60
ECKNVS221
@B
N0
5.0
0.60
330 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS331
@B
5.0
0.60
ECKNVS331
@B
N0
5.0
0.60
470 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS471
@B
5.0
0.60
ECKNVS471
@B
N0
5.0
0.60
680 ±10 or ±20 B/Y5P
8.0
6.0
ECKAVS681
@B
5.0
0.60
ECKNVS681
@B
N0
5.0
0.60
1000
±20
E/Y5U
8.0
6.0
ECKAVS102ME
5.0
0.60
ECKNVS102ME
N0
5.0
0.60
1500
±20
E/Y5U
8.0
6.0
ECKAVS152ME
5.0
0.60
ECKNVS152ME
N0
5.0
0.60
2200
±20
E/Y5U
9.0
6.0
ECKAVS222ME
5.0
0.60
ECKNVS222ME
N0
5.0
0.60
3300
±20
E/Y5U
10.0
6.0
ECKAVS332ME
5.0
0.60
ECKNVS332ME
N0
5.0
0.60
4700
±20
E/Y5U
11.0
6.0
ECKAVS472ME
5.0
0.60
ECKNVS472ME
N0
5.0
0.60
4700
±20
F/Y5V
10.0
6.0
ECKAVS472MF
5.0
0.60
ECKNVS472MF
N0
5.0
0.60
10000
±20
F/Y5V
14.0
6.0
ECKAVS103MF
7.5
0.65
ECKNVS103MF
N1
7.5
0.65
l Type VS (IEC60384-14 Sub-class Y2, X1 Smaller type) Rating and Characteristics
Note 1: Dimensions ÒFÓ(Lead Space) of 7.5mm is available instead of 5.0 mm only by special order.
2: @-- Capacitance Tolerance Code D (±0.5 pF) or F (±1 pF) or J (±5 %) or K(±10 %) or M(±20 %)
3: * -- except for VDE and KTL.
Remark
áType NS-A is approved by BSI and VDE for
Reinforced Body Insulation (0.4 mm min.)
BSI (UK)
GB386W
CB certification No.
VDE (Germay)
087469
087472
Certification No.


Similar Part No. - ECKANA221

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKANA222JB PANASONIC-ECKANA222JB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
ECKANA222JG PANASONIC-ECKANA222JG Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
ECKANA222KB PANASONIC-ECKANA222KB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
ECKANA222KG PANASONIC-ECKANA222KG Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
ECKANA222ME PANASONIC-ECKANA222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results

Similar Description - ECKANA221

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECKNTS102ME PANASONIC-ECKNTS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
Panasonic Semiconductor
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com