Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25SF041-XMHD-T Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AT25SF041-XMHD-T
Description  4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25SF041-XMHD-T Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AT25SF041-XMHD-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25SF041-XMHD-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25SF041-XMHD-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25SF041-XMHD-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25SF041-XMHD-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25SF041-XMHD-T Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25SF041-XMHD-T Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25SF041-XMHD-T Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25SF041-XMHD-T Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
AT25SF041
DS-25SF041–044C–7/2014
6.
Read Commands
6.1
Read Array (0Bh and 03h)
The Read Array command can be used to sequentially read a continuous stream of data from the device by simply
providing the clock signal once the initial starting address is specified. The device incorporates an internal address
counter that automatically increments every clock cycle.
Two opcodes (0Bh and 03h) can be used for the Read Array command. The use of each opcode depends on the
maximum clock frequency that will be used to read data from the device. The 0Bh opcode can be used at any clock
frequency up to the maximum specified by f
RDHF, and the 03h opcode can be used for lower frequency read operations
up to the maximum specified by f
RDLF.
To perform the Read Array operation, the CS pin must first be asserted and the appropriate opcode (0Bh or 03h) must be
clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify the
starting address location of the first byte to read within the memory array. Following the three address bytes, an
additional dummy byte needs to be clocked into the device if the 0Bh opcode is used for the Read Array operation.
After the three address bytes (and the dummy byte if using opcode 0Bh) have been clocked in, additional clock cycles
will result in data being output on the SO pin. The data is always output with the MSB of a byte first. When the last byte
(07FFFFh) of the memory array has been read, the device will continue reading back at the beginning of the array
(000000h). No delays will be incurred when wrapping around from the end of the array to the beginning of the array.
Deasserting the CS pin will terminate the read operation and put the SO pin into high-impedance state. The CS pin can
be deasserted at any time and does not require a full byte of data be read.
Figure 6-1.
Read Array - 03h Opcode
Read ID
90h
1001 0000
Up to 104 MHz
3
0
2
11.2
Deep Power-Down
B9h
1011 1001
Up to 104 MHz
0
0
0
11.3
Resume from Deep Power-Down
ABh
1010 1011
Up to 104 MHz
0
0
0
11.4
Resume from Deep Power-Down and
Read ID
ABh
1010 1011
Up to 104 MHz
0
3
1
11.4
Table 5-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes
Section
Link


Similar Part No. - AT25SF041-XMHD-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SF041-DWFHT DIALOG-AT25SF041-DWFHT Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041-SHDHR-B DIALOG-AT25SF041-SHDHR-B Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041-SHDHR-T DIALOG-AT25SF041-SHDHR-T Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041-SSHDHR-B DIALOG-AT25SF041-SSHDHR-B Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041-SSHDHR-T DIALOG-AT25SF041-SSHDHR-T Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results

Similar Description - AT25SF041-XMHD-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SF041 DIALOG-AT25SF041 Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25SF041 RENESAS-AT25SF041 Datasheet
3Mb / 49P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
8/2020
logo
Dialog Semiconductor
AT25SF161 DIALOG-AT25SF161 Datasheet
484Kb / 4P
   16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
List of Unclassifed Man...
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
   Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF041B DIALOG-AT25SF041B Datasheet
1Mb / 64P
   4-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
List of Unclassifed Man...
AT25SF161 ETC-AT25SF161 Datasheet
3Mb / 49P
   16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF161 ETC1-AT25SF161 Datasheet
3Mb / 49P
   16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF081 ETC2-AT25SF081 Datasheet
2Mb / 47P
   8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
Dialog Semiconductor
AT25SF321 DIALOG-AT25SF321 Datasheet
1Mb / 48P
   32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
Renesas Technology Corp
AT25SF321 RENESAS-AT25SF321 Datasheet
3Mb / 49P
   32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
8/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com