Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25SF041-SSHD-T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT25SF041-SSHD-T
Description  4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25SF041-SSHD-T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT25SF041-SSHD-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25SF041-SSHD-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25SF041-SSHD-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25SF041-SSHD-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25SF041-SSHD-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25SF041-SSHD-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25SF041-SSHD-T Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25SF041-SSHD-T Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25SF041-SSHD-T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
AT25SF041
DS-25SF041–044C–7/2014
Table 5-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes
Section
Link
Read Commands
Read Array
0Bh
0000 1011
Up to 85 MHz
3
1
1+
6.1
03h
0000 0011
Up to 50 MHz
3
0
1+
Dual Output Read
3Bh
0011 1011
Up to 85 MHz
3
1
1+
6.2
Dual I/O Read
BBh
1011 1011
Up to 85 MHz
3
0
1+
6.3
Quad Output Read
6Bh
0110 1011
Up to 85 MHz
3
1
1+
6.4
Quad I/O Read
EBh
1110 1011
Up to 85 MHz
3
1
1+
6.5
Continuous Read Mode Reset - Dual
FFFFh
1111 1111
1111 1111
Up to 104 MHz
0
0
0
6.6
Continuous Read Mode Reset - Quad
FFh
1111 1111
Up to 104 MHz
0
0
0
6.6
Program and Erase Commands
Block Erase (4 Kbytes)
20h
0010 0000
Up to 104 MHz
3
0
0
7.2
Block Erase (32 Kbytes)
52h
0101 0010
Up to 104 MHz
3
0
0
Block Erase (64 Kbytes)
D8h
1101 1000
Up to 104MHz
3
0
0
Chip Erase
60h
0110 0000
Up to 104 MHz
0
0
0
7.3
C7h
1100 0111
Up to 104 MHz
0
0
0
Byte/Page Program (1 to 256 Bytes)
02h
0000 0010
Up to 104 MHz
3
0
1+
7.1
Protection Commands
Write Enable
06h
0000 0110
Up to 104 MHz
0
0
0
8.1
Write Disable
04h
0000 0100
Up to 104 MHz
0
0
0
8.2
Security Commands
Erase Security Register Page
44h
0100 0100
Up to 104 MHz
3
0
0
9.1
Program Security Register Page
42h
0100 0010
Up to 104 MHz
3
0
1+
9.2
Read Security Register Page
48h
0100 1000
Up to 85MHz
3
1
1+
9.3
Status Register Commands
Read Status Register Byte 1
05h
0000 0101
Up to 104 MHz
0
0
1
10.1
Read Status Register Byte 2
35h
0011 0101
Up to 104 MHz
0
0
1
Write Status Register
01h
0000 0001
Up to 104 MHz
0
0
1 or 2
10.2
Write Enable for Volatile Status
Register
50h
0101 0000
Up to 104MHz
0
0
0
10.3
Miscellaneous Commands
Read Manufacturer and Device ID
9Fh
1001 1111
Up to 104MHz
0
0
3
11.1


Similar Part No. - AT25SF041-SSHD-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SF041-SSHDHR-B DIALOG-AT25SF041-SSHDHR-B Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041-SSHDHR-T DIALOG-AT25SF041-SSHDHR-T Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results

Similar Description - AT25SF041-SSHD-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SF041 DIALOG-AT25SF041 Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25SF041 RENESAS-AT25SF041 Datasheet
3Mb / 49P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
8/2020
logo
Dialog Semiconductor
AT25SF161 DIALOG-AT25SF161 Datasheet
484Kb / 4P
   16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
List of Unclassifed Man...
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
   Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF041B DIALOG-AT25SF041B Datasheet
1Mb / 64P
   4-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
List of Unclassifed Man...
AT25SF161 ETC-AT25SF161 Datasheet
3Mb / 49P
   16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF161 ETC1-AT25SF161 Datasheet
3Mb / 49P
   16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
AT25SF081 ETC2-AT25SF081 Datasheet
2Mb / 47P
   8-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
Dialog Semiconductor
AT25SF321 DIALOG-AT25SF321 Datasheet
1Mb / 48P
   32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
logo
Renesas Technology Corp
AT25SF321 RENESAS-AT25SF321 Datasheet
3Mb / 49P
   32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
8/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com