Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25BCM512B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT25BCM512B
Description  512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25BCM512B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT25BCM512B_12 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25BCM512B_12 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25BCM512B_12 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25BCM512B_12 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25BCM512B_12 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25BCM512B_12 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25BCM512B_12 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25BCM512B_12 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25BCM512B_12 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
3704BX–DFLASH–11/2012
AT25BCM512B [Preliminary]
Figure 8-1.
Byte Program
Figure 8-2.
Page Program
8.2
Block Erase
A block of 4 or 32 Kbytes can be erased (all bits set to the logical “1” state) in a single operation
by using one of three different opcodes for the Block Erase command. An opcode of 20h is used
for a 4-Kbyte erase, and an opcode of 52h or D8h is used for a 32-Kbyte erase. Before a Block
Erase command can be started, the Write Enable command must have been previously issued
to the device to set the WEL bit of the Status Register to a logical “1” state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h,
52h, or D8h) must be clocked into the device. After the opcode has been clocked in, the three
address bytes specifying an address within the 4- or 32-Kbyte block to be erased must be
clocked in. Any additional data clocked into the device will be ignored. When the CS pin is deas-
serted, the device will erase the appropriate block. The erasing of the block is internally self-
timed and should take place in a time of t
BLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not
need to be decoded by the device. Therefore, for a 4-Kbyte erase, address bits A11-A0 will be
ignored by the device and their values can be either a logical “1” or “0”. For a 32-Kbyte erase,
address bits A14-A0 will be ignored by the device. Despite the lower order address bits not
being decoded by the device, the complete three address bytes must still be clocked into the
device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte
boundary (multiples of eight bits); otherwise, the device will abort the operation and no erase
operation will be performed.
If the memory is in the protected state, then the Block Erase command will not be executed, and
the device will return to the idle state once the CS pin has been deasserted.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n


Similar Part No. - AT25BCM512B_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25BCM512B-MAH-T ETC2-AT25BCM512B-MAH-T Datasheet
701Kb / 33P
   512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25BCM512B_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F512B ATMEL-AT25F512B Datasheet
864Kb / 34P
   512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25BCM512B ETC2-AT25BCM512B Datasheet
701Kb / 33P
   512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
   8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
   32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
   32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
   4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com