Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48SC12007NMFB Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # V48SC12007NMFB
Description  Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC12007NMFB Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button V48SC12007NMFB Datasheet HTML 4Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 5Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 6Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 7Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 8Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 9Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 10Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 11Page - Delta Electronics, Inc. V48SC12007NMFB Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS_V48SC12007_08212013
8
FEATURES DESCRIPTIONS (CON.)
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact and Distribution
Losses
Figure 18: Effective circuit configuration for remote sense
operation
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(
–) to Vo(–) at the module.
The output voltage can be increased by both the
remote sense and the trim; however, the maximum
increase is the larger of either the remote sense or the
trim, not the sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Max rated current is guaranteed at full output voltage
remote sense range.
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
connect an external resistor between the TRIM pin and
either the SENSE(+) or SENSE(-). The TRIM pin
should be left open if this feature is not used.
Figure 19: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 19). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:


K
down
Rtrim
22
.
10
511
Ex. When Trim-down -10% (12V×0.9=10.8V)


K
K
down
Rtrim
88
.
40
22
.
10
10
511
Figure 20: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 20). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
K
up
Rtrim
22
.
10
511
1.225
)
(100
Vo
11
.
5
Ex. When Trim-up +10% (12V×1.1=13.2V)
 
K
up
Rtrim
31
.
489
22
.
10
10
511
10
225
.
1
)
10
100
(
12
11
.
5
Trim resistor can also be connected to Vo+ or Vo- but it
would introduce a small error voltage than the desired
value.
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Max rated current is guaranteed at full output voltage
trim range.


Similar Part No. - V48SC12007NMFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC12007NMFB DELTA-V48SC12007NMFB Datasheet
793Kb / 13P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules: 48V in, 12V, 7.5A out
V48SC12007NMFB DELTA-V48SC12007NMFB Datasheet
1Mb / 17P
   Fixed frequency operation
More results

Similar Description - V48SC12007NMFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC12007NMFA DELTA-V48SC12007NMFA Datasheet
793Kb / 13P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules: 48V in, 12V, 7.5A out
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE12004 DELTA-V36SE12004 Datasheet
442Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com