Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48SC05017NNFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # V48SC05017NNFA
Description  85W DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC05017NNFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button V48SC05017NNFA Datasheet HTML 6Page - Delta Electronics, Inc. V48SC05017NNFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SC05017NNFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SC05017NNFA Datasheet HTML 9Page - Delta Electronics, Inc. V48SC05017NNFA Datasheet HTML 10Page - Delta Electronics, Inc. V48SC05017NNFA Datasheet HTML 11Page - Delta Electronics, Inc. V48SC05017NNFA Datasheet HTML 12Page - Delta Electronics, Inc. V48SC05017NNFA Datasheet HTML 13Page - Delta Electronics, Inc. V48SC05017NNFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DS_V48SC05017_06262013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P10
THERMAL CURVES
(WITHOUT HEAT SPREADER)
NTC RESISTOR
HOT SPOT1
AIRFLOW
Figure 18: * Hot spot 1& NTC resistor temperature measured
points, the allowed maximum hot spot 1 temperature is
defined at 122
V48SH05017(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation)
0
3
6
9
12
15
18
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current (A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
Figure 19: Output current vs. ambient temperature and air
velocity @Vin=48V(Either Orientation, without heat spreader)
THERMAL CURVES
(WITH HEAT SPREADER)
HOT SPOT2
AIRFLOW
Figure 20: * Hot spot 2 temperature measured point,the
allowed maximum hot spot 2 temperature is defined at 111
V48SH05017(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation,With Heatspreader)
0
3
6
9
12
15
18
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current (A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
Figure 21: Output current vs. ambient temperature and air
velocity @Vin=48V(Either Orientation, with heat spreader)


Similar Part No. - V48SC05017NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC05017NNFA DELTA-V48SC05017NNFA Datasheet
706Kb / 15P
   85W DC/DC Power Modules
More results

Similar Description - V48SC05017NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC05017 DELTA-V48SC05017 Datasheet
706Kb / 15P
   85W DC/DC Power Modules
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com