Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V39CH8 Datasheet(PDF) 2 Page - Littelfuse

Part # V39CH8
Description  CH Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V39CH8 Datasheet(HTML) 2 Page - Littelfuse

  V39CH8 Datasheet HTML 1Page - Littelfuse V39CH8 Datasheet HTML 2Page - Littelfuse V39CH8 Datasheet HTML 3Page - Littelfuse V39CH8 Datasheet HTML 4Page - Littelfuse V39CH8 Datasheet HTML 5Page - Littelfuse V39CH8 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 30, 2010
CH Varistor Series
Surface Mount Varistors > CH Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/CH.html for current information.
Part
Number
Maximum Ratings (125ºC)
Specifications (25ºC)
Continuous
Transient
Varistor Voltage at 1 mA DC
Test Current
Max Clamping Volt V
C at
Test Current (8/20μs)
Typical
Capacitance
V
RMS
V
DC
Energy
(10/1000μ s)
Peak Current
(8/20μs)
V
M(AC)
V
M(DC)
W
TM
I
TM
MIN
V
N(DC)
MAX
V
C
I
P
f=1MHz
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(A)
(pF)
V22CH8
14
18 (Note 3)
1.0 (Note2)
100
18.7
22.0
26.0
47
5
1600
V27CH8
17
22
1.0
100
23.0
27.0
31.1
57
5
1300
V33CH8
20
26
1.0
100
29.5
33.0
36.5
68
5
750
V39CH8
25
31
1.0
100
35.0
39.0
43.0
79
5
700
V47CH8
30
38
1.2
100
42.0
47.0
52.0
92
5
650
V56CH8
35
45
1.4
100
50.0
56.0
62.0
107
5
600
V68CH8
40
56
1.5
100
61.0
68.0
75.0
127
10
500
V120CH8
75
102
2.0
250
108.0
120.0
132.0
200
10
300
V150CH8
95
127
3.0
250
135.0
150.0
165.0
250
10
250
V180CH8
115
153
4.0
250
162.0
180.0
198.0
295
10
120
V200CH8
130
175
4.0
250
184.0
200.0
228.0
340
10
110
V220CH8
140
180
5.0
250
198.0
220.0
242.0
360
10
105
V240CH8
150
200
5.0
250
212.0
240.0
268.0
395
10
100
V360CH8
230
300
6.0
250
324.0
360.0
396.0
595
10
70
V390CH8
250
330
7.0
250
354.0
390.0
429.0
650
10
60
V430CH8
275
369
8.0
250
389.0
430.0
473.0
710
10
50
Device Ratings and Specifications
NOTES:
1. Power dissipation of transients not to exceed 0.25W.
2. Energy rating for impulse duration of 30ms minimum to one half of peak current value.
3. Also rated to withstand 24V for 5 minutes.
4. All Littelfuse CH Series Varistors are recognized under UL file #E320116 as a recognized component.
5. The Typical Capacitance is for reference only
Current, Energy and Power Derating Curve
Continuous power dissipation capability is not an applicable
design requirement for a suppressor, unless transients
occur in rapid succession. Under this condition, the
average power dissipation required is simply the energy
(watt-seconds) per pulse times the number of pulses
per second. The power so developed must be within
the specifications shown on the Device Ratings and
Specifications Table for the specific device. Furthermore,
the operating values need to be derated at high tempera
tures as shown in this diagram. Because varistors can only
dissipate a relatively small amount of average power they
are, therefore, not suitable for repetitive applications that
involve substantial amounts of average power dissipation.
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90 100 110 120 130 140 150
AMBIENT TEMPERATURE ( oC)
Figure 1


Similar Part No. - V39CH8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V39CH8 LITTELFUSE-V39CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
V39CH8 LITTELFUSE-V39CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors
V39CH8 LITTELFUSE-V39CH8 Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8 LITTELFUSE-V39CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
More results

Similar Description - V39CH8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V120CH8T LITTELFUSE-V120CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com