Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48SC3R320NNFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # V48SC3R320NNFA
Description  66W DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC3R320NNFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button V48SC3R320NNFA Datasheet HTML 6Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 9Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 10Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 11Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 12Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 13Page - Delta Electronics, Inc. V48SC3R320NNFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DS_V48SC3R320_06262013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P10
THERMAL CURVES
(WITHOUT HEAT SPREADER)
HOT SPOT1
AIRFLOW
NTC RESISTOR
Figure 18: * Hot spot 1& NTC resistor temperature measured
points
0
4
8
12
16
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
V48SC3R320(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
Figure 19: Output current vs. ambient temperature and air
velocity @Vin=48V(Either Orientation, airflow from Vin- to
Vin+,without heat spreader)
THERMAL CURVES
(WITH HEAT SPREADER)
HOT SPOT2
AIRFLOW
Figure 20: * Hot spot 2 temperature measured point
0
4
8
12
16
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
V48SC3R320(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation,with Heat Spreader)
Natural
Convection
100LFM
200LFM
Figure 21: Output current vs. ambient temperature and air
velocity @Vin=48V(Either Orientation, airflow from Vin- to
Vin+,with heat spreader)


Similar Part No. - V48SC3R320NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320NNFA DELTA-V48SC3R320NNFA Datasheet
966Kb / 15P
   66W DC/DC Power Modules
More results

Similar Description - V48SC3R320NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320 DELTA-V48SC3R320 Datasheet
966Kb / 15P
   66W DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Wall Industries,Inc.
SP48S33-66 WALL-SP48S33-66 Datasheet
227Kb / 7P
   66W DC-DC Converter
logo
Artesyn Technologies
NXA66 ARTESYN-NXA66 Datasheet
167Kb / 2P
   66W Non-isolated DC/DC Converters
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com