Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48SC3R320 Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # V48SC3R320
Description  66W DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC3R320 Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  V48SC3R320_14 Datasheet HTML 1Page - Delta Electronics, Inc. V48SC3R320_14 Datasheet HTML 2Page - Delta Electronics, Inc. V48SC3R320_14 Datasheet HTML 3Page - Delta Electronics, Inc. V48SC3R320_14 Datasheet HTML 4Page - Delta Electronics, Inc. V48SC3R320_14 Datasheet HTML 5Page - Delta Electronics, Inc. V48SC3R320_14 Datasheet HTML 6Page - Delta Electronics, Inc. V48SC3R320_14 Datasheet HTML 7Page - Delta Electronics, Inc. V48SC3R320_14 Datasheet HTML 8Page - Delta Electronics, Inc. V48SC3R320_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS_V48SC3R320_06262013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (50%-75%-50% of full load; di/dt = 0.1A/µs).
Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout; 50mV/div; Bottom Trace: output current:
5A/div, Time: 100us/div
Figure 9: Output voltage response to step-change in load
current (50%-75%-50% of full load; di/dt = 2.5A/µs).
Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout; 100mV/div; Bottom Trace: output current:
5A/div, Time: 100us/div
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance. Measure current as shown above.
Figure 11: Input Terminal Ripple Current, ic, at max output
current and nominal input voltage with 12µH source impedance
and 33µF electrolytic capacitor (100 mA/div2us/div).


Similar Part No. - V48SC3R320_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320NMFA DELTA-V48SC3R320NMFA Datasheet
966Kb / 15P
   66W DC/DC Power Modules
V48SC3R320NMFH DELTA-V48SC3R320NMFH Datasheet
966Kb / 15P
   66W DC/DC Power Modules
V48SC3R320NNFA DELTA-V48SC3R320NNFA Datasheet
966Kb / 15P
   66W DC/DC Power Modules
V48SC3R320NNFH DELTA-V48SC3R320NNFH Datasheet
966Kb / 15P
   66W DC/DC Power Modules
V48SC3R320NRFA DELTA-V48SC3R320NRFA Datasheet
966Kb / 15P
   66W DC/DC Power Modules
More results

Similar Description - V48SC3R320_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R320 DELTA-V48SC3R320 Datasheet
966Kb / 15P
   66W DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Wall Industries,Inc.
SP48S33-66 WALL-SP48S33-66 Datasheet
227Kb / 7P
   66W DC-DC Converter
logo
Artesyn Technologies
NXA66 ARTESYN-NXA66 Datasheet
167Kb / 2P
   66W Non-isolated DC/DC Converters
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com