Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SE05003NRFB Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # S36SE05003NRFB
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE05003NRFB Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button S36SE05003NRFB Datasheet HTML 7Page - Delta Electronics, Inc. S36SE05003NRFB Datasheet HTML 8Page - Delta Electronics, Inc. S36SE05003NRFB Datasheet HTML 9Page - Delta Electronics, Inc. S36SE05003NRFB Datasheet HTML 10Page - Delta Electronics, Inc. S36SE05003NRFB Datasheet HTML 11Page - Delta Electronics, Inc. S36SE05003NRFB Datasheet HTML 12Page - Delta Electronics, Inc. S36SE05003NRFB Datasheet HTML 13Page - Delta Electronics, Inc. S36SE05003NRFB Datasheet HTML 14Page - Delta Electronics, Inc. S36SE05003NRFB Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS_S36SE12001_10252013
11
THERMAL CURVES (ENCAPSULATED)
Figure 23: Temperature measurement location
The allowed maximum hot spot temperature is defined at 109
.
S36SE12001(Encapsulation) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 24V (Either Orientation)
0.0
0.3
0.6
0.9
1.2
1.5
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
Figure 24: Output current vs. ambient temperature and air
velocity @ Vin=24V (Either Orientation)
S36SE12001(Encapsulation) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation)
0.0
0.3
0.6
0.9
1.2
1.5
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
Figure 25: Output current vs. ambient temperature and air
velocity @ Vin=48V (Either Orientation)


Similar Part No. - S36SE05003NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE05003NRFB DELTA-S36SE05003NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFB DELTA-S36SE05003NRFB Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003NRFB DELTA-S36SE05003NRFB Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
More results

Similar Description - S36SE05003NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com