Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE120R8 Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # S24SE120R8
Description  10W Single/Dual Output DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE120R8 Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button S24SE120R8 Datasheet HTML 4Page - Delta Electronics, Inc. S24SE120R8 Datasheet HTML 5Page - Delta Electronics, Inc. S24SE120R8 Datasheet HTML 6Page - Delta Electronics, Inc. S24SE120R8 Datasheet HTML 7Page - Delta Electronics, Inc. S24SE120R8 Datasheet HTML 8Page - Delta Electronics, Inc. S24SE120R8 Datasheet HTML 9Page - Delta Electronics, Inc. S24SE120R8 Datasheet HTML 10Page - Delta Electronics, Inc. S24SE120R8 Datasheet HTML 11Page - Delta Electronics, Inc. S24SE120R8 Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
S24SE/S24DE series
10W Single/Dual Output DC/DC Converter
DS_ S24SE/S24DE 10W _ 10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P8
DESIGN CONSIDERATIONS
Layout and EMI considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design. Below is the reference
design for an input filter to pass EN55022 (VDE0878)
class A(both q. peak and average).
L1=1uH
C1=47uF/50V, electrolytic capacitor
1 MHz
10 MHz
150 kHz
30 MHz
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
80.0
dBμV
Limits
55022MAV
55022MQP
Transducer
8130
Traces
PK+
AV
Test Result:
At T = +25
C , Typical input voltage and full load.
Green is quasi peak mode; Blue is average mode.
Recommended PCB Layout
It is suggested to use multiple layers PCB and large
size copper on system board which connect to pins of
module, that can achieve better thermal performance.
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting
for an unlimited duration during output overload. If
the output current exceeds the OCP set point, the
modules will shut down (hiccup mode).
The modules will try to restart after shutdown. If the
overload condition still exists, the module will shut
down again. This restart trial will continue until the
overload condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals.
If
this
voltage
exceeds
the
over-voltage set point, the modules will shut down,
and then restart after a hiccup-time (hiccup mode).
If latch mode is needed, please contact with Delta.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature
exceeds
the
over-temperature
threshold the module will shut down.The module will
restart after the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be
either negative or positive logic. Negative logic turns
the module on during a logic low and off during a
logic high. Positive logic turns the modules on during
a logic high and off during a logic low.
Remote on/off can be controlled by an external
switch between the on/off terminal and the Vi (-)
terminal. The switch can be an open collector or
open drain. For negative logic if the remote on/off
feature is not used, please short the on/off pin to Vi
(-). For positive logic if the remote on/off feature is
not used, please leave the on/off pin to floating.


Similar Part No. - S24SE120R8

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE120R8 DELTA-S24SE120R8 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE120R8

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U Datasheet
405Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com