Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4824-DEMO Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SI4824-DEMO
Description  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI4824-DEMO Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI4824-DEMO Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 13Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 14Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Si4820/24-A10
Rev. 1.0
11
4. Functional Description
Figure 2. Si4820/24-A10 Functional Block Diagram
4.1. Overview
The Si4820/24-A10 is the entry level mechanical-tuned
digital CMOS AM/FM/SW radio receiver IC that
integrates the complete receiver function from antenna
input to audio output. The Si4820/24-A10 extends
Silicon Laboratories multi-band tuner family, and further
increases the ease and attractiveness of design radio
reception to audio devices through small size and board
area, minimum component count, and superior, proven
performance. The Si4820/24-A10 is drop-in replaceable
to the existing Si4831/35 tuner, requires a simple
application circuit, and removes any requirements for
manually tuning components during the manufacturing
process. It is a very simple product to design,
manufacture, and support across multiple product lines.
Leveraging Silicon Laboratories' proven and patented
digital low intermediate frequency (low-IF) receiver
architecture, the Si4820/24-A10 delivers desired RF
performance and interference rejection in AM, FM, and
SW bands. The high integration and complete system
production test simplifies design-in, increases system
quality, and improves manufacturability.
4.2. FM Receiver
The Si4820/24-A10 integrates a low noise amplifier
(LNA) supporting the worldwide FM broadcast band (64
to 109 MHz).
Pre-emphasis and de-emphasis is a technique used by
FM broadcasters to improve the signal-to-noise ratio of
FM receivers by reducing the effects of high frequency
interference and noise. When the FM signal is
transmitted, a pre-emphasis filter is applied to
accentuate the high audio frequencies. All FM receivers
incorporate a de-emphasis filter which attenuates high
frequencies to restore a flat frequency response. Two
time constants are used in various regions. The de-
emphasis time constant can be chosen to be 50 or
75 µs.
Si4830/34
ADC
ADC
DSP
DAC
AOUT
AFC
Si4820/24
RFGND
LNA
AMI
AGC
REG
VDD1/2
2.0~3.6V
XTAL
OSC
FMI
0/90
AM
ANT
FM
ANT
CONTROL INTERFACE
TUNE1/2
BAND
XTALI
ADC


Similar Part No. - SI4824-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4824-DEMO SILABS-SI4824-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
More results

Similar Description - SI4824-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com