Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SG12034NRFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # Q48SG12034NRFA
Description  Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SG12034NRFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button Q48SG12034NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SG12034NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SG12034NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SG12034NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SG12034NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SG12034NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48SG12034NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48SG12034NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Q48SG12034NRFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
DS_Q48SG12034_06272013
8
For parallel application
Cin is 100uF low ESR Aluminum cap x 2pcs in parallel;
CX1 is 2.2uF ceramic cap×2pcs in parallel;
CX2 is 2.2uF ceramic cap;
CY1 is 47nF ceramic cap x 2pcs in parallel;
CY2 is 47nF ceramic cap x 2pcs in parallel;
CY is 3.3nF ceramic cap;
L1 is Pulse P0469NL (0.63mH/11.6A) x 2pcs in parallel;
L2 is Pulse P0469NL (0.63mH/11.6A) x 2pcs in parallel;
Test Result: Vin=48V, Io=68A
1 MHz
10 MHz
150 kHz
30 MHz
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
80.0
dBμV
Limits
55022MQP
55022MAV
Transducer
8130
Traces
PK+
AV
The blue line is quasi peak mode and the green one is
average mode.
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules and
affect the stability. A low ac-impedance input source is
recommended. If the source inductance is more than a
few μH, we advise adding a 100 to 200 μF electrolytic
capacitor (ESR < 0.7 Ω at 100 kHz) mounted close to the
input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
la
yout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design. Below is the reference
design for an input filter tested with Q48SG120XXXXXX
to meet class B in CISSPR 22.
Schematic and Components List
For Single Module Application
Cin is 100uF low ESR Aluminum cap;
CX1 is 2.2uF ceramic cap×2pcs in parallel;
CX2 is 2.2uF ceramic cap;
CY1 and CY2 are 47nF ceramic cap;
CY is 3.3nF ceramic cap;
L1 and L2 are common-mode inductors, L1=L2=0.47mH;
Test Result: Vin=48V, Io=34A
1 MHz
10 MHz
150 kHz
30 MHz
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
80.0
dBμV
Limits
55022MQP
55022MAV
Transducer
8130
Traces
PK+
AV


Similar Part No. - Q48SG12034NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
More results

Similar Description - Q48SG12034NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com