Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-CNB05 Datasheet(PDF) 1 Page - OKI electronic componets

Part # SFP-CNB05
Description  Soldering and Rework System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

SFP-CNB05 Datasheet(HTML) 1 Page - OKI electronic componets

  SFP-CNB05 Datasheet HTML 1Page - OKI electronic componets SFP-CNB05 Datasheet HTML 2Page - OKI electronic componets SFP-CNB05 Datasheet HTML 3Page - OKI electronic componets SFP-CNB05 Datasheet HTML 4Page - OKI electronic componets SFP-CNB05 Datasheet HTML 5Page - OKI electronic componets SFP-CNB05 Datasheet HTML 6Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Soldering and Rework System
Cartridge heater technology provides soldering and rework performance to suit even the most
demanding SMT removal and placement applications. The cartridges provide fast thermal
performance and respond quickly to the load demands. A small shaft diameter provides access to
tightly cramped rework areas and enables the most difficult operations to be performed
effortlessly.
MFR-SRC SOLDERING & REWORK SYSTEM
Part No.
Description
MFR-SRC
Soldering and Rework System
INCLUDES
MFR-PS1K
Two Port Universal Voltage Power Supply
MFR-HSR
Soldering and Rework Hand-piece
MFR-WSSR
Soldering Workstand
Contents subject to change without notice
Standard Soldering Tip Cartridges
The Standard Soldering Tip Cartridges are used with the MFR-HSR Soldering & Rework Hand-piece
and have been designed to deliver outstanding performance for the majority of point-to-point
MFR-PTZ, MFR-SRC, MFR-PST, MFR-STZ
Ambient Operating Temperature:10- 40°C
Maximum Enclosure Temperature:55°C
Input Line Voltage:100- 240 VAC, grounded circuit
Input Line Frequency:50/60 Hz
Power Consumption:65 Watts max.
Output Power:
50 Watts max. at 22°C ambient temperature
Output Frequency:450 KHz
Power Cord 3-Wire:183cm (18/3") SJT
Power Supply Dimensions w x d x h:
122mm x 200mm x 152.5mm (4.8" x 8" x 6")
Agency Tested Per:IEC 61000-6-1,EC 61000-6-3 and
UL499, FCC CFR Part 15
Tip-to-Ground Potential:< 2mV
Tip-to-Ground Resistance:< 2 ohms
Idle Temperature Stability:± 1.1°C in still air
Hand-piece Cable Length:
L=71cm (48"), burn proof, ESD safe
Connector:8-pin power connector
Workstand Dimensions w x d x h:
100 mm x 200 mm x 100 mm (4" x 8" x 4")


Similar Part No. - SFP-CNB05

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-CXASI-RX MRV-SFP-CXASI-RX Datasheet
340Kb / 5P
   Digital Video SFPs
SFP-CXASI-TX MRV-SFP-CXASI-TX Datasheet
340Kb / 5P
   Digital Video SFPs
SFP-CXDV-RX27 MRV-SFP-CXDV-RX27 Datasheet
340Kb / 5P
   Digital Video SFPs
SFP-CXDV-TX27 MRV-SFP-CXDV-TX27 Datasheet
340Kb / 5P
   Digital Video SFPs
More results

Similar Description - SFP-CNB05

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
logo
List of Unclassifed Man...
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
M/A-COM Technology Solu...
AN3025 MA-COM-AN3025 Datasheet
34Kb / 2P
   Transistor Mounting and Soldering
logo
List of Unclassifed Man...
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
   Soldering Tips and Nozzles
logo
SparkFun Electronics
TOL-14557 SPARKFUN-TOL-14557 Datasheet
148Kb / 2P
   Hot?륚ir Rework Station ??303D
1??1??8
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com