Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4660DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4660DY
Description  N-Channel 25-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4660DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4660DY Datasheet HTML 1Page - Vishay Siliconix SI4660DY Datasheet HTML 2Page - Vishay Siliconix SI4660DY Datasheet HTML 3Page - Vishay Siliconix SI4660DY Datasheet HTML 4Page - Vishay Siliconix SI4660DY Datasheet HTML 5Page - Vishay Siliconix SI4660DY Datasheet HTML 6Page - Vishay Siliconix SI4660DY Datasheet HTML 7Page - Vishay Siliconix SI4660DY Datasheet HTML 8Page - Vishay Siliconix SI4660DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 69533
S09-0138-Rev. B, 02-Feb-09
www.vishay.com
3
Vishay Siliconix
Si4660DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10 V thru 4 V
VDS - Drain-to-Source Voltage (V)
VGS =3 V
0.0040
0.0045
0.0050
0.0055
0.0060
0.0065
0.0070
014
28
42
56
70
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0.0
6.2
12.4
18.6
24.8
31.0
Qg - Total Gate Charge (nC)
ID =10A
VDS =10 V
VDS =20 V
VDS =15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0
1234
5
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
TJ = -- 55 °C
Crss
0
600
1200
1800
2400
3000
0
5
10
15
20
25
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature ( °C)
VGS =10 V
VGS =4.5 V
ID = 15 A


Similar Part No. - SI4660DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4666DY VISHAY-SI4666DY Datasheet
262Kb / 10P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
logo
Vishay Telefunken
SI4666DY TFUNK-SI4666DY Datasheet
264Kb / 10P
   N-Channel 25 V (D-S) MOSFET
logo
Vishay Siliconix
SI4666DY-T1-GE3 VISHAY-SI4666DY-T1-GE3 Datasheet
262Kb / 10P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
More results

Similar Description - SI4660DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com