Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3462-E01 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SI3462-E01
Description  SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI3462-E01 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI3462-E01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3462-E01 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Si3462
Rev. 1.0
11
4. Si3462-EVB Functional Description
In combination with low-cost external components, the Si3462 controller provides a complete PSE solution for
embedded PoE applications. The Si3462-EVB reference design operates from a +50 V isolated power supply and
delivers power to the powered device.
Refer to the Si3462-EVB User's Guide and schematics for descriptions in the following sections.
The basic sequence of applying power is shown in Figure 3. Following is the description of the function that must
be performed in each phase.
Figure 3. Basic Power-up Sequence
tDET_CYCLE
tCLASS_CYCLE
tPWRUP
-2.8V
-15.5V
-10V
-20.5V
-44V
-57V
Ch1: PoE output voltage referenced to the +50V rail
Detection
Classification
Power-on


Similar Part No. - SI3462-E01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si3462-E01-GM SILABS-Si3462-E01-GM Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
Si3462-E01-GMR SILABS-Si3462-E01-GMR Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
More results

Similar Description - SI3462-E01

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
Linear Technology
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
   4-Port IEEE 802.3bt PoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com