Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM23 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM23
Description  Sub-Midget Flange Base, Wire Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM23 Datasheet(HTML) 1 Page - Visual Communications Company

  CM23 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-1 Wire Terminal (standard)
T-1 Sub-Midget Flange Base
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
5,000
40,000
25,000
25,000
60,000
16,000
.150
.150
.090
.050
.030
.001
.060
.115
.075
.060
.060
.008
5.0
5.0
5.0
5.0
5.0
3.0
C M6810
C M718
C M714
C M685
C M682
C M7249
C M7247
C M7248
C M679
C M7229
C M7230
C M7231
C M7232
3.0
3.0
3.0
3.0
3.0
2.5
2.5
.120
.060
.025
.016
.013
.320
.100
.130
.030
.020
.020
.001
.210
.100
16,000
100,000
10,000
5,000
10,000
5,000
10,000
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2V
C -2R
10,000
40,000
.015
.080
.016
.064
5.0
5.0
C M7233
C M7006
C -6
C -2R
C -2R
C -2R
C -2V
C -2R
C -2R
1,000
25,000
5,000
100,000
10,000
16,000
10,000
.004
.020
.010
.015
.001
.030
.001
.012
.220
.015
.066
.008
.075
.015
1.25
1.35
1.5
1.5
1.5
1.5
2.5
C M7246
C M8102
C M7228
C M7227
C M7226
C M7245
C M7244
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
Ø.159 MAX.
Ø.125 MAX .
.375
MAX.
C -2F
C -2V
C -2F
C -2F
C -2R
C -2R
10,000
16,000
10,000
10,000
10,000
10,000
.150
.150
.150
.100
.040
.005
.065
.040
.060
.027
.045
.017
14.0
14.0
12.0
10.0
5.0
5.0
C M8111
C M23
C M7219
C M7218
C M8729
C M8602
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M6151
C M6211
C M7214
C M7215
C M7216
C M8175
C M8179
5.0
5.0
5.0
5.0
5.0
5.0
5.0
.125
.125
.125
.115
.115
.080
.060
.250
.250
.250
.190
.220
.150
.150
5,000
5,000
5,000
10,000
5,000
15,000
5,000
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
CC -2F
C -2F
4,000
10,000
.150
.150
.024
.026
28.0
18.0
C M6838
C M7220
MIN.
1.00
MAX .
.250
MAX .
.125


Similar Part No. - CM23

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM23 CML-CM23 Datasheet
226Kb / 1P
   T-1 Wire Terminal (standard)
logo
II-VI Marlow, Inc.
CM23-1.9 VIMARLOW-CM23-1.9 Datasheet
198Kb / 2P
   Commercial Module for CATV & SLED Applications
CM23-1.9 VIMARLOW-CM23-1.9 Datasheet
678Kb / 2P
   Commercial Module for CATV & SLED Applications
CM23-1.9-01AC VIMARLOW-CM23-1.9-01AC Datasheet
198Kb / 2P
   Commercial Module for CATV & SLED Applications
CM23-1.9-01AC VIMARLOW-CM23-1.9-01AC Datasheet
678Kb / 2P
   Commercial Module for CATV & SLED Applications
More results

Similar Description - CM23

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM8-374 VCC-CM8-374 Datasheet
57Kb / 1P
   Wire Terminal, Midget Flange Base Lens End
CM7234 VCC-CM7234 Datasheet
54Kb / 1P
   Sub-Midget Flange Base
CM331 VCC-CM331 Datasheet
35Kb / 1P
   Midget Flange Base
logo
Chicago Miniature Lamp,...
CM7234 CML-CM7234 Datasheet
221Kb / 1P
   T-1 Sub-Midget Flange Base
logo
Visual Communications C...
CM7302 VCC-CM7302 Datasheet
36Kb / 1P
   Midget Flange Base, Bi-Pin Base
logo
Chicago Miniature Lamp,...
CM331 CML-CM331 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
CM7302 CML-CM7302 Datasheet
224Kb / 1P
   T-1 1/4 Special Midget Flange Base
logo
Visual Communications C...
925 VCC-925 Datasheet
508Kb / 1P
   Midget Flange incandescent Lampholders
920 VCC-920 Datasheet
1Mb / 4P
   Midget Flange incandescent Lampholders
CM698 VCC-CM698 Datasheet
32Kb / 1P
   Midget Groove Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com