Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1293 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM1293
Description  Contact Bayonet Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM1293 Datasheet(HTML) 1 Page - Visual Communications Company

  CM1293 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
RP-11 Single Contact Bayonet Base
RP-11 Double Contact Bayonet Base
C M1144
C M1054
C M1056
C M1230
C M1062
C M1150
44.0
40.0
32.0
32.0
32.0
12.5
.47
.92
.55
1.15
.74
1.98
21.0
50.0
21.0
50.0
32.0
32.0
150
100
100
100
100
400
C -13
C -5
C -2V
C -7A
C -2V
C -2R
C -2V
C -2V
C -2V *
C -2R
C -2V
2C -2R *
100
125
125
200
300
300
300
50.0
32.0
32.0
32.0
50.0
32.0
32.0
6.25
3.90
3.98
3.91
3.00
1.92
1.92
5.5
6.2
6.2
6.2
12.5
12.5
12.5
C M1124
C M1096
C M1134
C M1000
C M1184
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
* Dual F ilament Lamp
MAX.
1.42
MAX.
2.05
C M1041
C M1145
C M1047
26.0
22.0
22.0
2.70
.96
1.50
105.0
27.0
50.0
25
100
100
2CC -6
C -2V
C -2V
C -2V
C -2V
C -2R
C -2R
C -2V
C -2R
C -6
100
125
200
400
300
300
700
50.0
50.0
32.0
32.0
50.0
50.0
15.0
6.25
5.72
3.91
1.98
3.00
3.00
1.04
5.5
6.2
6.2
12.5
12.5
12.5
12.8
C M1139
C M1293
C M1195
C M1143
C M1133
C M1105
C M1183
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX.
1.42
MAX.
2.05


Similar Part No. - CM1293

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
Chicago Miniature Lamp,...
CM1293 CML-CM1293 Datasheet
218Kb / 1P
   RP-11 Single Contact Bayonet Base
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1293-02SO CALMIRCO-CM1293-02SO Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
CM1293-02SR CALMIRCO-CM1293-02SR Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
More results

Similar Description - CM1293

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1228 VCC-CM1228 Datasheet
33Kb / 1P
   Contact Bayonet Base
CM1384 VCC-CM1384 Datasheet
28Kb / 1P
    Contact Bayonet Base
CM1584 VCC-CM1584 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
CM210 VCC-CM210 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
CM1459 VCC-CM1459 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
CM1724 VCC-CM1724 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
Chicago Miniature Lamp,...
CM1459 CML-CM1459 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
CM1228 CML-CM1228 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
CM1384 CML-CM1384 Datasheet
223Kb / 1P
   R-12 Single Contact Bayonet Base
CM1584 CML-CM1584 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com