Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7B-ZR-SM2-TF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S7B-ZR-SM2-TF
Description  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7B-ZR-SM2-TF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S7B-ZR-SM2-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers S7B-ZR-SM2-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers S7B-ZR-SM2-TF Datasheet HTML 3Page - List of Unclassifed Manufacturers S7B-ZR-SM2-TF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZH CONNECTOR
1.5mm pitch/Disconnectable Crimp style connectors
Emboss Tape
7.1
4.6
1.5
±0.05 1.5min
φ0.7
±0.03
φ0.7
±0.03
1.5
±0.05
3.5
1.5min
Top entry type
Side entry type
1.5
(N-1)
×
0.7min 1.5
±0.05 0.9 ±0.05
φ1.1
+0.1
0
+0.9
1.5
±0.05
1.3
±0.1
1.5
±0.1
0.7min
1.5
±0.05
1.4
±0.1
1.1
±0.1
0.7min
SM2 type
Side entry type
Side entry type
SM4 type
Top entry type
The ZH connector is very small with a
mounting height of 5.6mm and a thickness
of only 3.5mm. Contact retention lances on
the housing make insertion easier, while the
dimple at the center of the contact ensures
reliable contact with the post.
• Compact, low profile design
• Housing lances
• Reliable contact construction
• Distortion resistant construction
• Compatible with the ZR insulation
displacement connectors
Specifications –––––––––––––––––––
• Current rating:
1.0A AC, DC (AWG #26)
• Voltage rating:
50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/20m Ω max.
After environmental testing/30m Ω max.
• Insulation resistance:
500M Ω min.
• Withstanding voltage:
500V AC/minute
• Applicable wire: AWG #32 to #26
• Applicable PC board thickness: 0.6 to 1.2mm,1.6mm
* RoHS compliant products are published.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R9351092
Through-hole type (viewed from soldering side)
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimension differ according to the kind of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions should
be larger. The dimensions above should serve as a guideline. Contact JST for details.
SMT type (viewed from component side)
Note: 1. N...Number of circuits
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
PC board layout and Assembly layout
16


Similar Part No. - S7B-ZR-SM2-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7B-ZR-SM2-TF ETC2-S7B-ZR-SM2-TF Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
S7B-ZR-SM2-TF JST-S7B-ZR-SM2-TF Datasheet
1,016Kb / 4P
   1.5 mm pitch/Disconnectable Crimp style connectors
2021
More results

Similar Description - S7B-ZR-SM2-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZER-02V-S ETC1-ZER-02V-S Datasheet
130Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com