Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC560CULTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC560CULTRT
Description  Dual Output Low Noise LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560CULTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC560CULTRT Datasheet HTML 1Page - Semtech Corporation SC560CULTRT Datasheet HTML 2Page - Semtech Corporation SC560CULTRT Datasheet HTML 3Page - Semtech Corporation SC560CULTRT Datasheet HTML 4Page - Semtech Corporation SC560CULTRT Datasheet HTML 5Page - Semtech Corporation SC560CULTRT Datasheet HTML 6Page - Semtech Corporation SC560CULTRT Datasheet HTML 7Page - Semtech Corporation SC560CULTRT Datasheet HTML 8Page - Semtech Corporation SC560CULTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SC560
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Noise(3)
e
N
V
IN
= 3.7V, I
OUTx
= 50mA ,
10Hz < f < 100kHz, C
BYP
= 22nF
50
μV
RMS
V
IN
= 3.7V, I
OUTx
= 50mA ,
10Hz < f < 100kHz
300
μV
RMS
Power Supply Rejection
Ratio (3)
PSRR
V
IN
= 3.7V, I
OUTx
= 50mA, f = 1kHz,
C
BYP
= 22nF
65
dB
V
IN
= 3.7V, I
OUTx
= 50mA, f = 1kHz
40
PGOOD Delay(4)
t
DELAY
160
200
240
ms
PGOOD Threshold(4)
V
TH-PGOOD
Percentage of nominal output,
V
OUTA
falling
82
87
92
%
Start-Up Time
t
SU
From OFF to 87% V
OUTx
, I
OUTx
= 50mA,
C
BYP
= 22nF(2)
1ms
Power Up Delay Between LDOA and
LDOB(5)
t
DELAY
Delay between V
OUTA
and V
OUTB
start-ups
128
μs
Under Voltage Lockout
V
UVLO
V
IN
Rising
2.15
2.25
2.35
V
UVLO Hysteresis
V
UVLO-HYS
100
mV
Over Temperature Protection
Threshold
T
OT
Temperature Rising
160
°C
Over Temperature Hysteresis
T
OT-HYS
20
°C
Digital Inputs
Logic Input High Threshold
V
IH
V
IN
= 5.5V
1.25
V
Logic Input Low Threshold
V
IL
V
IN
= 2.5V
0.4
V
Logic Input High Current
I
IH
V
IN
= 5.5V
1
μA
Logic Input Low Current
I
IL
V
IN
= 5.5V
1
μA
Digital Outputs
PGOOD Output voltage Low
V
OL
I
SINK
= 500μA,V
IN
=3.7V
7
20
mV
Electrical Characteristics (continued)
Notes:
(1) Dropout voltage is defined as V
IN
- V
OUTx
, when V
OUTx
is 100mV below the value of V
OUTx
at V
IN
= V
OUTx
+ 0.5V.
(2) SC560A, SC560B and SC560C only
(3) Except SC560B and fixed output versions
(4) Except SC560A and SC560B
(5) SC560A and SC560C only


Similar Part No. - SC560CULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560C SEMTECH-SC560C Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
More results

Similar Description - SC560CULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560DULTRT SEMTECH-SC560DULTRT Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC561 SEMTECH-SC561 Datasheet
277Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC1458 SEMTECH-SC1458 Datasheet
212Kb / 13P
   Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com