Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8254ABDFT-TB Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8254ABDFT-TB
Description  BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254ABDFT-TB Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8254ABDFT-TB Datasheet HTML 2Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 3Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 4Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 5Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 6Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 7Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 8Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 9Page - Seiko Instruments Inc S-8254ABDFT-TB Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254A Series
Rev.5.1_00
Seiko Instruments Inc.
6
Absolute Maximum Ratings
Table 3
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Applied pin
Absolute Maximum Ratings
Unit
Input voltage between VDD and VSS
VDS
VSS
− 0.3 to VSS + 26
V
Input pin voltage
VIN
VC1, VC2, VC3,
VC4, CTL, SEL,
CCT, CDT, VINI
VSS
− 0.3 to VDD + 0.3
V
VMP pin input voltage
VVMP
VMP
VSS
− 0.3 to VSS + 26
V
DOP pin output voltage
VDOP
DOP
VSS
− 0.3 to VDD + 0.3
V
COP pin output voltage
VCOP
COP
VSS
− 0.3 to VSS + 26
V
Power dissipation
PD
400 (When not mounted on board) mW
1100
*1
mW
Operating ambient temperature
Topr
− 40 to + 85
°C
Storage temperature
Tstg
− 40 to + 125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
400
0
Ambient Temperature (Ta) [
°C]
1000
600
200
1200
Figure 3 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-8254ABDFT-TB

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8254ABDFT-TB-Y ABLIC-S-8254ABDFT-TB-Y Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254ABDFT-TB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Seiko Instruments Inc
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8243A SII-S-8243A Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com