Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMT-24V100W1AGA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # PMT-24V100W1AGA
Description  PMT Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-24V100W1AGA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button PMT-24V100W1AGA Datasheet HTML 5Page - Delta Electronics, Inc. PMT-24V100W1AGA Datasheet HTML 6Page - Delta Electronics, Inc. PMT-24V100W1AGA Datasheet HTML 7Page - Delta Electronics, Inc. PMT-24V100W1AGA Datasheet HTML 8Page - Delta Electronics, Inc. PMT-24V100W1AGA Datasheet HTML 9Page - Delta Electronics, Inc. PMT-24V100W1AGA Datasheet HTML 10Page - Delta Electronics, Inc. PMT-24V100W1AGA Datasheet HTML 11Page - Delta Electronics, Inc. PMT-24V100W1AGA Datasheet HTML 12Page - Delta Electronics, Inc. PMT-24V100W1AGA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 100W 1 Phase / PMT-24V100W1A
□□
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 00)
11
Operating Mode
Redundancy Operation
In order to ensure proper redundancy operation for the power supply unit (PSU), ensure that the output voltage difference between the
two units is kept at 0.45~0.50V for 24V supplies. Follow simple steps given below to verify:
Step 1.
Measure output voltage of PSU 1 and PSU 2. If PSU 1 is the master unit, then VO of PSU 1 must be higher than PSU 2. In order to set
the output voltage, connect the power supply to 50% load and set the PSU 1 and PSU 2 output voltage.
Step 2.
Connect the right DRR module, 20A as per the system requirement to the power supply units PSU 1 and PSU 2 at Vin 1 & Vin 2
respectively.
Step 3.
Connect the system load from Vout. Please note that output voltage Vout from DRR module will be = VO (output voltage of power
supply) – Vdrop* (in DRR module).
Parallel Operation
These DRR modules can also be used for Parallel function in order to increase the output power by N+1 (e.g. 2.5A + 2.5A = 5A or 2.5A
+ 2.5A + 2.5A = 7.5A) or current sharing, and thus increasing the power supply and system reliability. Though the
PMT-24V100W1A☐☐ is not designed for current sharing, a good current sharing between two power supplies can be achieved by
following simple steps as below (Refer to Fig. 3 for the Connection Diagram).
*Vdrop will vary from 0.60V to 0.90V (Typical 0.65V) depending on the load current and surrounding air temperature.
Fig. 3
Redundancy / Parallel Operation Connection Diagram
Step 1.
Set output load condition for both supplies at 50% and measure
the output voltages.
Step 2.
Adjust output voltages to the same level or within ±25mV
difference.
Step 3.
Connect PSU 1 and PSU 2 with the DRR-20A module and
measure at Vin 1 & Vin 2 to verify the voltage difference. Ensure
the voltages are within ±25mV.
Step 4.
Output voltage from DRR module Vout will be = VO (output
voltage of power supply) – Vdrop* (in DRR module).


Similar Part No. - PMT-24V100W1AGA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-24V100W1AGA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com