Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD442PNP Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD442PNP
Description  EPITAXIAL SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD442PNP Datasheet(HTML) 1 Page - Continental Device India Limited

  BD442PNP Datasheet HTML 1Page - Continental Device India Limited BD442PNP Datasheet HTML 2Page - Continental Device India Limited BD442PNP Datasheet HTML 3Page - Continental Device India Limited BD442PNP Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EPITAXIAL SILICON POWER TRANSISTORS
BD433
BD434
BD435
BD436
BD437
BD438
BD439
BD440
BD441
BD442
NPN
PNP
TO126
Plastic Package
Intended for use in Medium Power Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
BD433
BD435
BD437
BD439
BD441
BD434
BD436
BD438
BD440
BD442
Collector Base Voltage
VCBO
22
32
80
Collector Emitter Voltage
VCES
22
32
80
Collector Emitter Voltage
VCEO
22
32
80
Emitter Base Voltage
VEBO
5.0
Collector Current
IC
4.0
Collector Peak Current (t=10ms_ ICM
7.0
Base Current
IB
1.0
Total Dissipation @ TC=25ºC
PD
36.0
Total Dissipation @ Ta=25ºC
PD
1.25
Derate above 25ºC
10
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
3.5
Junction to Ambient in free air
Rth (j-a)
100
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BD433 BD435 BD437 BD439 BD441
BD434 BD436 BD438 BD440 BD442
Collector Cut off Current
ICBO
<100
<100
<100
<100
<100
µA
Collector Cut off Current
ICES
<100
<100
<100
<100
<100
µA
Emitter Cut off Current
IEBO
<1.0
<1.0
<1.0
<1.0
<1.0
mA
*VCEO (sus)
>22
>32
>45
>60
>80
V
*VCE (sat)
<0.5
<0.5
<0.6
<0.8
<0.8
V
Base Emitter On Voltage
*VBE (on)
typ 0.58
V
<1.1
<1.1
<1.2
<1.5
<1.5
V
Collector Emitter Sustaining
Voltage
Collector Emitter Saturation
Voltage
IC=2.0A, IB=0.2A
IC=10mA, VCE=5V ALL
IC=2.0A, VCE=1V
VCB=Rated VCBO, IE=0
VBE=0, VCE=Rated VCES
VEB=5V, IC=0
IC=100mA, IB=0
DESCRIPTION
SYMBOL
Tj, Tstg
- 65 to 150
45
60
45
60
45
60
Operating and Storage
Junction Temperature Range
A
V
UNIT
TEST CONDITION
A
A
W
ºC/W
ºC/W
UNIT
V
V
V
W
mW/ ºC
ºC
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD442PNP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD442 MOTOROLA-BD442 Datasheet
111Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
Inchange Semiconductor ...
BD442 ISC-BD442 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
BD442 ONSEMI-BD442 Datasheet
111Kb / 4P
   POWER TRANSISTORS PNP SILICON
1995 REV 7
logo
Central Semiconductor C...
BD442 CENTRAL-BD442 Datasheet
519Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD442 STMICROELECTRONICS-BD442 Datasheet
69Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - BD442PNP

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD233 CDIL-BD233 Datasheet
492Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
BD131 CDIL-BD131 Datasheet
147Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
   EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com