Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR17A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BSR17A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSR17A Datasheet(HTML) 2 Page - Continental Device India Limited

  BSR17A Datasheet HTML 1Page - Continental Device India Limited BSR17A Datasheet HTML 2Page - Continental Device India Limited BSR17A Datasheet HTML 3Page - Continental Device India Limited BSR17A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
VCB0
max.
60 V
Collector–emitter voltage (open base)
VCE0
max.
40 V
Emitter base voltage (open collector)
VEB0
max.
6 V
Collector current (d.c.)
IC
max.
200 mA
Power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 °C
THERMAL RESISTANCE
From junction to ambient
Rth j–a =
500 K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Collector cut–off current
IE = 0; VCB = 30 V; Tj = 150 °C
ICB0
<5
µA
VEB = 3 V; VCE = 30 V
ICEX
<50 nA
Base current
with reverse biased emitter junction
VEB = 3 V; VCE = 30 V
IBEX
<50 nA
Saturation voltages
IC = 10 mA; IB = 1 mA
VCEsat <
200 mV
VBEsat 650 to 850 mV
IC = 50 mA; lB = 5 mA
VCEsat <
300 mV
VBEsat <
950 mV
Collector capacitance at f = 1 MHz
IE = Ie = 0; VCB = 5 V
Cc
<4 pF
Emitter capacitance at f = 1 MHz
IC = Ic = 0; VEB = 0,5 V
Ce
<8 pF
D.C. current gain*
IC = 0,1 mA; VCE = 1V
hFE
>40
IC = 1 mA; VCE = 1V
hFE
>70
IC = 10 mA; VCE = 1V
hFE
>
100
hFE
<
300
IC = 50 mA; VCE = 1V
hFE
>60
IC = 100 mA; VCE = 1V
hFE
>30
Transition frequency at f = 100 MHz
IC = 10 mA; VCE = 20V
fT
>
300 MHz
Small signal current gain
IC = 1 mA; VCE = 10 V; f = 1 kHz
hfe
>
100
<
400
BSR17A


Similar Part No. - BSR17A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR17A PHILIPS-BSR17A Datasheet
62Kb / 8P
   NPN switching transistor
1997 Jun 02
logo
Fairchild Semiconductor
BSR17A FAIRCHILD-BSR17A Datasheet
83Kb / 6P
   NPN General Purpose Amplifier
logo
Diotec Semiconductor
BSR17A DIOTEC-BSR17A Datasheet
181Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
logo
Fairchild Semiconductor
BSR17A FAIRCHILD-BSR17A_07 Datasheet
365Kb / 6P
   NPN General Purpose Amplifier
More results

Similar Description - BSR17A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com