Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECET1VP563FA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECET1VP563FA
Description  Large Can Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECET1VP563FA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECET1VP563FA Datasheet HTML 1Page - Panasonic Semiconductor ECET1VP563FA Datasheet HTML 2Page - Panasonic Semiconductor ECET1VP563FA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4 or 5 terminal mounting provides stability and keyed polarity
Extended CV ratings
Endurance rating of 3000 hours at 85°C
Can vent construction
Part Number System
T-UP Standard Ratings
Cap.
Panasonic
Cap.
Panasonic
(µF)
120 Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
47000
35 x 40
7.47
8.59
0.021
0.019
ECET1CP473EA
33000
35 x 50
7.15
8.22
0.018
0.014
ECET1VP333EA
56000
40 x 40
9.05
10.41
0.022
0.021
ECET1CP563FA
39000
35 x 63
7.94
9.13
0.015
0.012
ECET1VP393EA
68000
35 x 50
9.05
10.41
0.018
0.017
ECET1CP683EA
40 x 50
7.98
9.18
0.017
0.014
ECET1VP393FA
82000
35 x 63
10.02
11.52
0.016
0.015
ECET1CP823EA
47000
35 x 80
9.53
10.96
0.014
0.011
ECET1VP473EA
40 x 50
10.29
11.83
0.016
0.015
ECET1CP823FA
40 x 63
9.58
11.02
0.016
0.013
ECET1VP473FA
100000
35 x 80
11.00
12.65
0.015
0.014
ECET1CP104EA
56000
40 x 80
10.30
11.85
0.015
0.012
ECET1VP563FA
40 x 63
11.36
13.06
0.018
0.017
ECET1CP104FA
50 x 50
10.94
12.58
0.015
0.012
ECEP1VP563HA
120000
35 x 105
12.81
14.73
0.014
0.013
ECET1CP124EA
68000
35 x 105
10.62
12.21
0.010
0.008
ECET1VP683EA
40 x 80
12.42
14.28
0.017
0.016
ECET1CP124FA
50 x 63
11.93
13.72
0.013
0.011
ECEP1VP683HA
50 x 50
13.17
15.15
0.014
0.013
ECEP1CP124HA
82000
40 x 105
12.02
13.82
0.012
0.009
ECET1VP823FA
150000
50 x 63
14.40
16.56
0.012
0.011
ECEP1CP154HA
50 x 80
13.06
15.02
0.012
0.010
ECEP1VP823HA
180000
40 x 105
14.85
17.08
0.013
0.012
ECET1CP184FA
100000
50 x 92
13.97
16.07
0.011
0.009
ECEP1VP104HA
50 x 80
15.69
18.04
0.011
0.010
ECEP1CP184HA
120000
50 x 105
14.86
17.09
0.010
0.008
ECEP1VP124HA
220000
50 x 92
16.73
19.24
0.010
0.009
ECEP1CP224HA
270000
50 x 105
17.79
20.46
0.009
0.008
ECEP1CP274HA
15000
35 x 40
6.44
7.41
0.028
0.021
ECET1HP153EA
18000
40 x 40
6.94
7.98
0.023
0.017
ECET1HP183FA
33000
35 x 40
6.84
7.87
0.019
0.015
ECET1EP333EA
22000
35 x 50
7.57
8.71
0.021
0.017
ECET1HP223EA
39000
40 x 40
8.00
9.20
0.020
0.018
ECET1EP393FA
27000
35 x 63
8.31
9.56
0.018
0.015
ECET1HP273EA
47000
35 x 50
8.00
9.20
0.014
0.012
ECET1EP473EA
40 x 50
8.12
9.34
0.018
0.015
ECET1HP273FA
56000
35 x 63
8.85
10.18
0.015
0.013
ECET1EP563EA
33000
35 x 80
9.23
10.61
0.015
0.012
ECET1HP333EA
40 x 50
8.96
10.30
0.016
0.015
ECET1EP563FA
40 x 63
9.10
10.47
0.018
0.014
ECET1HP333FA
68000
35 x 80
10.43
11.99
0.013
0.011
ECET1EP683EA
50 x 50
10.48
12.05
0.018
0.014
ECEP1HP333HA
40 x 63
10.25
11.79
0.017
0.015
ECET1EP683FA
39000
40 x 80
10.12
11.64
0.015
0.012
ECET1HP393FA
82000
50 x 50
12.29
14.13
0.016
0.015
ECEP1EP823HA
47000
35 x 105
10.27
11.81
0.014
0.011
ECET1HP473EA
100000
35 x 105
11.97
13.77
0.010
0.008
ECET1EP104EA
50 x 63
11.54
13.27
0.013
0.010
ECEP1HP473HA
40 x 80
12.08
13.89
0.012
0.011
ECET1EP104FA
56000
40 x 105
11.47
13.19
0.012
0.009
ECET1HP563FA
50 x 63
13.45
15.47
0.014
0.013
ECEP1EP104HA
50 x 80
12.46
14.33
0.012
0.009
ECEP1HP563HA
120000
50 x 80
15.29
17.58
0.012
0.011
ECEP1EP124HA
68000
50 x 92
13.17
15.15
0.011
0.009
ECEP1HP683HA
150000
40 x 105
14.07
16.18
0.011
0.010
ECET1EP154FA
82000
50 x 105
13.87
15.95
0.011
0.008
ECEP1HP823HA
50 x 92
16.01
18.41
0.011
0.010
ECEP1EP154HA
180000
50 x 105
16.89
19.42
0.010
0.009
ECEP1EP184HA
10000
35 x 40
6.52
7.50
0.041
0.033
ECET1JP103EA
12000
35 x 50
7.15
8.22
0.035
0.028
ECET1JP123EA
22000
35 x 40
6.10
7.02
0.026
0.020
ECET1VP223EA
40 x 40
7.15
8.22
0.035
0.028
ECET1JP123FA
27000
40 x 40
6.84
7.87
0.021
0.017
ECET1VP273FA
15000
35 x 63
7.71
8.87
0.028
0.022
ECET1JP153EA
Size (mm)
Max 85°C R.C. (Arms)
Max 20°C E.S.R. (
Ω)
35 VDC Working, 44 VDC Surge
35 VDC Working, 44 VDC Surge (continued)
63 VDC Working, 79 VDC Surge
Max 85°C R.C. (Arms)
D x L
16 VDC Working, 20 VDC Surge
25 VDC Working, 32 VDC Surge
50 VDC Working, 63 VDC Surge
Rated Working Voltage:
Operating Temperature:
Nominal Capacitance:
Endurance:
Leakage Current:
Ripple Current Multipliers:
16 ~ 250 VDC
-40 ~ +85°C
Max 20°C E.S.R. (
Ω)
Size (mm)
D x L
220 ~ 2700µF (±20% tolerance)
3000 hours at +85°C with maximum specified ripple current (see page 6)
1200 ~ 270000µF (±20% tolerance)
*Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
T-UP Series 85°C, 3000 hours
350 ~ 500 VDC
-25 ~ +85°C
E
C
E
P
A
Common Code /
Number of Terminals
Voltage
Code
Series
Capacitance
Code
Diameter
Code
4 terminal
φ 35 & 40mm dia.
ECET
ECEP
5 terminal
φ 40 & 50mm dia.
Frequency(Hz):
16~100WV:
50
160~500WV:
60
100~120
500
1k
10k~
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
Ambient Temperature Factor*
≤45°C
1.5
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.0
1.3
1.4
1.05
Terminal Style
(see pg.40)
4.0mm length "short" terminal:
6.3mm length snap-in (standard):
Standard
4
E
4.0mm length straight pin with standoff:
X
5
Y
Ratings:
A
Extended
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - ECET1VP563FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECET1VP563FA PANASONIC-ECET1VP563FA Datasheet
399Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECET1VP563FA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com