Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB-12V50W1AH Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # PMB-12V50W1AH
Description  PMT Panel Mount Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMB-12V50W1AH Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button PMB-12V50W1AH Datasheet HTML 3Page - Delta Electronics, Inc. PMB-12V50W1AH Datasheet HTML 4Page - Delta Electronics, Inc. PMB-12V50W1AH Datasheet HTML 5Page - Delta Electronics, Inc. PMB-12V50W1AH Datasheet HTML 6Page - Delta Electronics, Inc. PMB-12V50W1AH Datasheet HTML 7Page - Delta Electronics, Inc. PMB-12V50W1AH Datasheet HTML 8Page - Delta Electronics, Inc. PMB-12V50W1AH Datasheet HTML 9Page - Delta Electronics, Inc. PMB-12V50W1AH Datasheet HTML 10Page - Delta Electronics, Inc. PMB-12V50W1AH Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
12V 50W 1 Phase / PMT-12V50W1AA
9
|
www.DeltaPSU.com (August 2012, Rev. 00)
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Overcurrent (OCP) Protections will be activated when output current exceeds 150% of I
O (Max load).
In such occurrence, the V
O will start to droop and once the power supply has reached its maximum power limit, the protection is activated and
the power supply will go into “Hiccup mode” (Auto-Recovery). The power supply will recover once the fault condition of the OLP and OCP is
removed and I
O is back within the specifications.
0% Load
150% Load
t (sec)
Output Voltage (V
O
)
Load >150%
(Output Hiccup)
Additionally, if the I
O is <150% but >100% for a prolong period of
time (depending on the load), the Over Temperature Protection (OTP)
will be activated due to high temperature on critical components.
The power supply will then go into “Hiccup mode” until the fault is
removed.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed its
specifications defined on Page 3 under “Protections”.
Max OVP Level
Variable O/P Voltage Range
Typical Overvoltage Condition as seen at the O/P
OVP
Zero Output
Nominal
O/P Voltage
Auto-Recovery
to Normal
Output Voltage
Over Temperature Protection
As mentioned above, the power supply also has Over Temperature
Protection (OTP). This is activated when the overload condition
persists for an extended duration and the output current is below
the overload trigger point but >100% load. In the event of a higher
operating condition at 100% load, the power supply will run into OTP
when the surrounding air temperature is >80°C. When activated,
the output voltage will go into bouncing mode until the operating
surrounding air temperature drops to 50°C or output capacity is
reduced as recommended in the de-rating graph.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power supply
will return to normal operation after the short circuit is removed.


Similar Part No. - PMB-12V50W1AH

ManufacturerPart #DatasheetDescription
logo
SAB North America
PMB-12 SAB-PMB-12 Datasheet
185Kb / 1P
   Polyamide 6 Cord Grips
PMB-12R SAB-PMB-12R Datasheet
185Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - PMB-12V50W1AH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com