Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PML-12V150W1AGA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PML-12V150W1AGA
Description  PMT Panel Mount Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PML-12V150W1AGA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PML-12V150W1AGA Datasheet HTML 1Page - Delta Electronics, Inc. PML-12V150W1AGA Datasheet HTML 2Page - Delta Electronics, Inc. PML-12V150W1AGA Datasheet HTML 3Page - Delta Electronics, Inc. PML-12V150W1AGA Datasheet HTML 4Page - Delta Electronics, Inc. PML-12V150W1AGA Datasheet HTML 5Page - Delta Electronics, Inc. PML-12V150W1AGA Datasheet HTML 6Page - Delta Electronics, Inc. PML-12V150W1AGA Datasheet HTML 7Page - Delta Electronics, Inc. PML-12V150W1AGA Datasheet HTML 8Page - Delta Electronics, Inc. PML-12V150W1AGA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
12V 150W 1 Phase / PMT-12V150W1A
□□
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 00)
1
PMT
Highlights & Features
Conforms to harmonic current IEC/EN 61000-3-2, Class A
Selectable AC Switch (90-132Vac, 180-264Vac)
High MTBF > 700,000 hrs. as per Telcordia SR-332
Versatile configuration options (Enclosed, L Frame)
Versatile connector options (Terminal Block, Front Face,
Harness)
Safety Standards
CB Certified for worldwide use
Model Number:
PMT-12V150W1A☐☐
Unit Weight:
0.48 kg
Dimensions (L x W x D): 178 x 97 x 38 mm
General Description
The new PMT series of panel mount power supplies is the latest offering from one of the world’s largest power supply manufacturers
and solution providers - Delta. The product offers a wide operating temperature range from -10°C to +70°C and can withstand shock
and vibration requirements (in accordance to IEC 60068-2-27 and IEC 60068-2-6 respectively). In addition to features like overvoltage
and overload protections, Delta’s PMT series of panel mount power supplies is unlike many other brands in the same price level. The
PMT series is designed for cost competitive markets without compromising the quality of the components and product specifications.
The series of products has an expected life time of 10 years. This versatile series has three different connector options (Terminal Block,
Front Face and Harness) and can also be converted into L Frame (PML) type of power supplies to satisfy different application needs.
Model Information
PMT Panel Mount Power Supply
Model Number
Input Voltage Range
Output Voltage
Output Current
PMT-12V150W1A☐☐
90-132Vac, 180-264Vac
(Selectable by Switch)
12Vdc
12.5A
Model Numbering
CC Code
PM
□ –
12V
150W
1
A
Panel Mount
Product Type
T – Enclosed
L – L Frame*
Output Voltage Output Power Single Phase
No PFC
Connector Type
A – Terminal Block
G – Front Face*
H – Harness*
Blank – Without
connector cover
A – With connector
cover
*Options


Similar Part No. - PML-12V150W1AGA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-12V100W1AAA DELTA-PML-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V100W1AHA DELTA-PML-12V100W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-12V150W1AGA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com