Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMT-24V35W1AX Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # PMT-24V35W1AX
Description  PMT Panel Mount Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-24V35W1AX Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button PMT-24V35W1AX Datasheet HTML 3Page - Delta Electronics, Inc. PMT-24V35W1AX Datasheet HTML 4Page - Delta Electronics, Inc. PMT-24V35W1AX Datasheet HTML 5Page - Delta Electronics, Inc. PMT-24V35W1AX Datasheet HTML 6Page - Delta Electronics, Inc. PMT-24V35W1AX Datasheet HTML 7Page - Delta Electronics, Inc. PMT-24V35W1AX Datasheet HTML 8Page - Delta Electronics, Inc. PMT-24V35W1AX Datasheet HTML 9Page - Delta Electronics, Inc. PMT-24V35W1AX Datasheet HTML 10Page - Delta Electronics, Inc. PMT-24V35W1AX Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 35W 1 Phase / PMT-24V35W1AX
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (February 2013, Rev. 01)
7
Connection & Screw Protrusion Data
Product Group
Item
Connector Options
PMT
A – Terminal Block
G – Front Face*
H – Harness*
AWG
22-12
22-12
22-18
Torque
13Kgf.cm
13Kgf.cm
Input Connector
B3P5-VH(LF)(SN)
Output Connector
B2P3-VH(LF)(SN)
Input Mating Connector
VHR-5N
Output Mating
C
VHR-3N
Input & Output Terminal
SVH-21T-P1.1
Screw Protrusion Length
5mm (6mm Max)
5mm (6mm Max)
5mm (6mm Max)
PML*
AWG
22-12
22-12
22-18
Torque
13Kgf.cm
13Kgf.cm
Input Connector
B3P5-VH(LF)(SN)
Output Connector
B2P3-VH(LF)(SN)
Input Mating Connector
VHR-5N
Output Mating
C
VHR-3N
Input & Output Terminal
SVH-21T-P1.1
Screw Protrusion Length
5mm (6mm Max)
5mm (6mm Max)
5mm (6mm Max)
PMB*
AWG
22-12
22-12
22-18
Torque
13Kgf.cm
13Kgf.cm
Input Connector
B3P5-VH(LF)(SN)
Output Connector
B2P3-VH(LF)(SN)
Input Mating Connector
VHR-5N
Output Mating
C
VHR-3N
Input & Output Terminal
SVH-21T-P1.1
Screw Protrusion Length
5mm
5mm
5mm
*Options
To ensure sufficient convection cooling, always maintain a safety distance of 20mm from all ventilated surfaces while the device is
in operation.
The device is not recommended to be placed on low thermal conductive surfaces, for example, plastics.
Prevent any foreign metal, particles or conductors to enter the device through the openings during installation. It can cause: -
Electric shock; Safety Hazard; Fire; Product failure.
Only use M3 screw
≤ X mm through the base mounting holes (Refer to
the Screw Protrusion Length in the table below). This is to keep a safe
distance between the screw and internal components.


Similar Part No. - PMT-24V35W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V350W1A DELTA-PMT-24V350W1A Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-24V350W1AK DELTA-PMT-24V350W1AK Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-24V35W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com