Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMT-5V350W1NA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PMT-5V350W1NA
Description  PMT Panel Mount Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-5V350W1NA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PMT-5V350W1NA Datasheet HTML 1Page - Delta Electronics, Inc. PMT-5V350W1NA Datasheet HTML 2Page - Delta Electronics, Inc. PMT-5V350W1NA Datasheet HTML 3Page - Delta Electronics, Inc. PMT-5V350W1NA Datasheet HTML 4Page - Delta Electronics, Inc. PMT-5V350W1NA Datasheet HTML 5Page - Delta Electronics, Inc. PMT-5V350W1NA Datasheet HTML 6Page - Delta Electronics, Inc. PMT-5V350W1NA Datasheet HTML 7Page - Delta Electronics, Inc. PMT-5V350W1NA Datasheet HTML 8Page - Delta Electronics, Inc. PMT-5V350W1NA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
5V 300W 1 Phase / PMT-5V350W1A
□□
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 01)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-120Vac, 200-240Vac (Selectable by Switch)
Input Voltage Range
90-132Vac, 180-264Vac (Selectable by Switch)
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Input Current
< 7.00A @ 115Vac, < 4.00A @ 230Vac
Efficiency at 100% Load
> 76.0% @ 230Vac
Max Inrush Current
< 40A @ 115Vac, < 60A @ 230Vac
Leakage Current
< 3.5mA @ 240Vac
Output Ratings / Characteristics
Nominal Output Voltage
5Vdc
Output Voltage Tolerance
± 3% (initial set point tolerance from factory)
Output Voltage Adjustment Range
4.50-5.60Vdc
Output Current
60.0A
Output Power
300W
Line Regulation
± 0.5% typ.
Load Regulation
± 2.5% typ.
PARD (20MHz)
< 150mVpp
Rise Time
< 50ms @ nominal input (100% load)
Start-up Time
< 1000ms @ nominal input (100% load)
Hold-up Time
> 16ms @ 115Vac, > 20ms @ 230Vac
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 1000mVpp @ 10-50% load and 50-100% load
Start-up with Capacitive Loads
8,000µF Max
Mechanical
Case Chassis
Aluminium
Case Cover
Aluminium
Dimensions (L x W x D)
215 x 115 x 50 mm
Unit Weight
0.81 kg
Indicator
Green LED (DC OK)
Cooling System
Forced Cooling
Terminal
PMT-5V350W1AM☐
M3.5 x 9 Pins (Rated 300V/15A)
PMT-5V350W1AN☐
M3.5 x 9 Pins (Rated 300V/20A)
Wire
AWG 14-12


Similar Part No. - PMT-5V350W1NA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-5V350W1AX DELTA-PMT-5V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-5V350W1NA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com