Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMT-5V350W1AMA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # PMT-5V350W1AMA
Description  PMT Panel Mount Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-5V350W1AMA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button PMT-5V350W1AMA Datasheet HTML 4Page - Delta Electronics, Inc. PMT-5V350W1AMA Datasheet HTML 5Page - Delta Electronics, Inc. PMT-5V350W1AMA Datasheet HTML 6Page - Delta Electronics, Inc. PMT-5V350W1AMA Datasheet HTML 7Page - Delta Electronics, Inc. PMT-5V350W1AMA Datasheet HTML 8Page - Delta Electronics, Inc. PMT-5V350W1AMA Datasheet HTML 9Page - Delta Electronics, Inc. PMT-5V350W1AMA Datasheet HTML 10Page - Delta Electronics, Inc. PMT-5V350W1AMA Datasheet HTML 11Page - Delta Electronics, Inc. PMT-5V350W1AMA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
5V 300W 1 Phase / PMT-5V350W1A
□□
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 01)
11
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Overcurrent (OCP)
Protections will be activated when output current exceeds
105~135% of rated load current. In such occurrence, the VO
will start to droop and once the power supply has reached its
maximum power limit, the protection is activated and the power
supply will go into “Hiccup mode” (Auto-Recovery). The power
supply will recover once the fault condition of the OLP and
OCP is removed and IO is back within the specifications.
It is not recommended to prolong the duration of IO when it is
<105~135% but >100%, since it may cause damage to the
PSU.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in
the illustration in the OLP/OCP section on this page. The
power supply will return to normal operation after the short
circuit is removed.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when
its internal feedback circuit fails. The output voltage shall not
exceed
its
specifications
defined
on
Page
3
under
“Protections”.
Over Temperature Protection
As mentioned above, the power supply also has Over
Temperature Protection (OTP). In the event of a higher
operating temperature at 100% load, the power supply will run
into OTP when the operating temperature is beyond what is
recommended in the de-rating graph. When activated, the
output voltage will go into bouncing mode until the temperature
drops to its normal operating temperature as recommended in
the de-rating graph.
Others
Delta RoHS Compliant
Restriction of the usage of hazardous substances
The European directive 2011/65/EU limits the maximum impurity level of homogeneous materials such as lead,
mercury, cadmium, chrome, polybrominated flame retardants PBB and PBDE for the use in electrical and
electronic equipment. RoHS is the abbreviation for “Restriction of the use of certain hazardous substances in
electrical and electronic equipment”.
This product conforms to this standard.


Similar Part No. - PMT-5V350W1AMA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-5V350W1AX DELTA-PMT-5V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-5V350W1AMA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com