Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-48V150W1BA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # PMC-48V150W1BA
Description  PMC Panel Mount Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-48V150W1BA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button PMC-48V150W1BA Datasheet HTML 3Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 4Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 5Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 6Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 7Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 8Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 9Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 10Page - Delta Electronics, Inc. PMC-48V150W1BA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
48V 150W 1 Phase / PMC-48V150W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (July 2013, Rev. 00)
7
Assembly & Installation
Mounting holes for power supply assembly onto the mounting surface.
The power supply shall be mounted on minimum 2 mounting holes using M3 screw minimum 5mm length.
This surface belongs to customer’s end system or panel where the power supply is mounted.
Input / Output Connector
PMC-48V150W1BA / PMC-48V150W1BL: Use flexible cable (stranded or solid) of AWG No. 20-14.
PMC-48V150W1BJ: Use flexible cable (stranded or solid) of AWG No. 20-12.
The torque at the Connector shall not exceed 13Kgf.cm. The insulation stripping length should not exceed 0.275” or 7mm.
Installation of Mounting Accessories
Safety Instructions
To ensure sufficient convection cooling, always maintain a safety distance of ≥ 20mm from all ventilated surfaces while the device
is in operation.
The device is not recommended to be placed on low thermal conductive surface, for example, plastics.
Note that the enclosure of the device can become very hot depending on the ambient temperature and load of the power supply.
Do not touch the device while it is in operation or immediately after power is turned OFF. Risk of burning!
Do not touch the terminals while power is being supplied. Risk of electric shock.
Prevent any foreign metal, particles or conductors from entering the device through the openings during installation. It may cause:
Electric shock; Safety Hazard; Fire; Product failure
Warning: When connecting the device, secure Earth connection before connecting L and N. When disconnecting the device,
remove L and N connections before removing the Earth connection.
Only use M3 screw
≤ 6mm through the base mounting holes. This is to keep
a safety distance between the screw and internal components.
Recommended mounting tightening torque: 4~8Kgf.cm.
Fig. 2
Mounting Orientation
Side Mounting
Base Mounting (Vertical)
Base Mounting (Vertical)


Similar Part No. - PMC-48V150W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-48V150W1BX DELTA-PMC-48V150W1BX Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-48V150W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V035W1AJ DELTA-PMC-24V035W1AJ Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V050W1AX DELTA-PMC-24V050W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com