Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-24V035W1AJ Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # PMC-24V035W1AJ
Description  PMC Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-24V035W1AJ Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button PMC-24V035W1AJ Datasheet HTML 5Page - Delta Electronics, Inc. PMC-24V035W1AJ Datasheet HTML 6Page - Delta Electronics, Inc. PMC-24V035W1AJ Datasheet HTML 7Page - Delta Electronics, Inc. PMC-24V035W1AJ Datasheet HTML 8Page - Delta Electronics, Inc. PMC-24V035W1AJ Datasheet HTML 9Page - Delta Electronics, Inc. PMC-24V035W1AJ Datasheet HTML 10Page - Delta Electronics, Inc. PMC-24V035W1AJ Datasheet HTML 11Page - Delta Electronics, Inc. PMC-24V035W1AJ Datasheet HTML 12Page - Delta Electronics, Inc. PMC-24V035W1AJ Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
24V 35W 1 Phase / PMC-24V035W1A
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
11
Operating Mode
Redundancy Operation
In order to ensure proper redundancy operation for the power supply unit (PSU), ensure that the output voltage difference between the
two units is kept at 0.45~0.50V for 24V supplies. Follow simple steps given below to verify:
Step 1.
Measure output voltage of PSU 1 and PSU 2. If PSU 1 is the master unit, then VO of PSU 1 must be higher than PSU 2. In order to set
the output voltage, connect the power supply to 50% load and set the PSU 1 and PSU 2 output voltage.
Step 2.
Connect the right DRR module, 20A as per the system requirement to the power supply units PSU 1 and PSU 2 at Vin 1 & Vin 2
respectively.
Step 3.
Connect the system load from Vout. Please note that output voltage Vout from DRR module will be = VO (output voltage of power
supply) – Vdrop* (in DRR module).
Parallel Operation
These DRR modules can also be used for Parallel function in order to increase the output power by N+1 (e.g. 2.5A + 2.5A = 5A or 2.5A
+ 2.5A + 2.5A = 7.5A) or current sharing, and thus increasing the power supply and system reliability. Though the
PMC-24V035W1A☐ is not designed for current sharing, a good current sharing between two power supplies can be achieved by
following simple steps as below (Refer to Fig. 3 for the Connection Diagram).
*Vdrop will vary from 0.60V to 0.90V (Typical 0.65V) depending on the load current and surrounding air temperature.
Fig. 3
Redundancy / Parallel Operation Connection Diagram
Step 1.
Set output load condition for both supplies at 50% and measure
the output voltages.
Step 2.
Adjust output voltages to the same level or within ±25mV
difference.
Step 3.
Connect PSU 1 and PSU 2 with the DRR-20A module and
measure at Vin 1 & Vin 2 to verify the voltage difference. Ensure
the voltages are within ±25mV.
Step 4.
Output voltage from DRR module Vout will be = VO (output
voltage of power supply) – Vdrop* (in DRR module).


Similar Part No. - PMC-24V035W1AJ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-24V035W1AJ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V050W1AX DELTA-PMC-24V050W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com