Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X10MY2-US Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2E-X10MY2-US
Description  Short Barrel Inductive Prox
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X10MY2-US Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2E-X10MY2-US Datasheet HTML 1Page - Omron Electronics LLC E2E-X10MY2-US Datasheet HTML 2Page - Omron Electronics LLC E2E-X10MY2-US Datasheet HTML 3Page - Omron Electronics LLC E2E-X10MY2-US Datasheet HTML 4Page - Omron Electronics LLC E2E-X10MY2-US Datasheet HTML 5Page - Omron Electronics LLC E2E-X10MY2-US Datasheet HTML 6Page - Omron Electronics LLC E2E-X10MY2-US Datasheet HTML 7Page - Omron Electronics LLC E2E-X10MY2-US Datasheet HTML 8Page - Omron Electronics LLC E2E-X10MY2-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
E2E2-WIREAC
E2E2-WIREAC
5
Specifications Table -- continued from previous page
Part number
E2E-X1R5Y
j
-N
E2E-X2MY
j
-N
E2E-X2Yj-
US-N
E2E-X5MYj
-US-N
E2E-X5Yj-
US-N
E2E-X10MY
j
-US-N
E2E-X10Y
j
-US-N
E2E-X18MY
j
-US-N
Approvals UL
--
Recognized, File Number E76675
pp
CSA
--
Certified, File Number LR45951
Weight
Prewired
Approx. 45 g
Approx. 120 g
Approx. 160 g
Approx. 270 g
g
Connector
---
Approx. 25 g
Approx. 45 g
Approx.
125 g
Approx.
124 g
Material
Body
Stainless steel
Brass
Sensing
face
PBT
J
SENSORS WITH SHORT-CIRCUIT PROTECTION (E2E-Xj
j
j
j
Yj
j
j
j
-53-US)
Part number
E2E-X5Yj-53-US
E2E-X10MYj-53-US
E2E-X10Yj-53-US
E2E-X18MYj-53-US
Body
Size
M18
M30
y
Type
Shielded
Unshielded
Shielded
Unshielded
Supply voltage
90 to 140 VAC, 50/60 Hz
Effective maximum detecting distance
(with standard target)
5 mm (0.20 in) ±10%
10 mm (0.40 in) ±10%
18 mm
(0.71 in) ±10%
Usable detecting range (with standard
target)
0to4mm
(0 to 0.16 in)
0to8mm(0to0.31in)
0to14mm
(0 to 0.55 in)
Standard target size
(mild steel, L xW xH)
18 x 18x 1mm
(0.71 x 0.71 x
0.04 in)
30 x 30x 1mm
(1.18 x 1.18 x 0.04 in)
54 x 54x 1mm
(2.13 x 2.13 x
0.04 in)
Differential travel
10% max. of effective detecting distance
Control
output
AC
solid
Type
SCR-NO (E2E-XjjjY1-jj-jj)
SCR-NC (E2E-XjjjY2-jj-jj)
p
state
Max. load
300 mA
Min. load
5mA
Max. offstate
leakage current
1.5 mA (See “Leakage Current Characteristics” graph in Engineering Data.)
Max. on-state
voltage drop
(See “Leakage Current Characteristics” graph in Engineering Data.)
Response frequency
25 Hz
Circuit
Output short-circuit
Provided
protection
Weld field
immunity
Not provided
RFI immunity
Not provided
Indicators
Target present (red LED)
Materials
Housing
Nickel-plated brass
Sensing face
Plastic
Cable sheath
Plastic
Mounting
Two lock washers and M18 nuts included.
Bracket Y92E-B18 optional.
Two lock washers and M30 nuts included.
Bracket Y92E-B30 optional.
Connections
Prewired
2-conductor cable, 2 m (6.56 ft) length
Weight with cable
Approx. 160 g (5.6 oz.)
Approx. 270 g (9.5 oz.)
Enclosure
UL
1
ratings
NEMA
1, 4, 6, 12, 13
IEC 144
IP67
Approvals
UL
Recognized, File Number E76675
pp
CSA
Certified, File Number LR45951
Ambient operating temperature
-25° to 70°C (-13° to 158°F)
Vibration
10 to 55 Hz, 1.5 mm (0.06 in) double amplitude
Shock
Approx. 100 G’s


Similar Part No. - E2E-X10MY2-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-M1 OMRON-E2E-X10MY2-M1 Datasheet
2Mb / 36P
   Standard Proximity Sensor
More results

Similar Description - E2E-X10MY2-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5038 GMI-D5038 Datasheet
201Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com